| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MH88435AS-P Datasheet(PDF) 3 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
MH88435AS-P Datasheet(HTML) 3 Page - Mitel Networks Corporation |
|
3 / 16 page ![]() Preliminary Information MH88435-P 2-41 18, 19 NP No Pin. Isolation barrier, no pin fitted in this position. 21, 22 SC Short Circuit. These two pins should be connected to each other via a 0 Ω link. 24 VLOOP2 Loop Voltage Control Node 2. Used to set DC termination characteristics. 25 VLOOP1 Loop Voltage Control Node 1. Used to set DC termination characteristics. 27 RING Ring Lead. Connects to the “Ring” lead of the telephone line. 28 TIP Tip Lead. Connects to the “Tip” lead of the telephone line. Pin Description (continued) Functional Description The device is a Data Access Arrangement (D.A.A.). It is used to correctly terminate a 2-Wire telephone line. It provides a signalling link and a 2-4 Wire line interface between an analog loop and subscriber data transmission equipment, such as Modems, Facsimiles (Fax’s), Remote Meters, Electronic Point of Sale equipment and Set Top Boxes. Isolation Barrier The device provides an isolation barrier capable of meeting the supplementary barrier requirements of the international standard IEC 950 and the national variants of this scheme such as EN 60950 for European applications and UL 1950 for North American applications and is classified as a Telecom Network Voltage (TNV) circuit. External Protection Circuit An External Protection Circuit assists in preventing damage to the device and the subscriber equipment, due to over-voltage conditions. See Application Note, MSAN-154 for recommendations. Suitable Markets The MH88435 has features such as programmable input and network balance impedance, programmable DC termination and a supplementary isolation barrier that makes it ideal for use throughout the world. There are a small number of countries with a 100M Ω leakage requirement that this device does not meet. These are Belgium, Greece, Italy, Luxembourg and Spain. France’s current limit specification and Germany’s dial pulse requirements are met by the MH88437. This device is pin for pin compatible with the MH88435. Approval specifications are regularly changing and the relevant specification should always be consulted before commencing design. Line Termination When Loop Control (LC) is at a logic 1, a line termination is applied across Tip and Ring. The device is off-hook and DC loop current will flow. The line termination consists of both a DC line termination and an AC input impedance. It is used to terminate an incoming call, seize the line for an outgoing call, or if it is applied and disconnected at the required rate, can be used to generate dial pulses. The DC termination is approximately 300 Ω resistance, which is loop current dependent. It can be programmed to meet different national requirements. For normal operation Pin 22 and Pin 21 should be linked, and a resistor (R2) should be fitted between VLOOP1 and VLOOP2 as shown in Figure 5. The approval specification will give a DC mask characteristic that the equipment will need to comply to. The DC mask specifies the amount of current the DAA can source for a given voltage across tip and ring. Figure 3 shows how the voltage across tip and ring varies with different resistors (R2) for a given loop current. The AC input impedance should be set by the user to match the line impedance. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |