Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MH88435AS-P Datasheet(PDF) 10 Page - Mitel Networks Corporation

No. de pieza MH88435AS-P
Descripción Electrónicos  Data Access Arrangement Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MITEL [Mitel Networks Corporation]
Página de inicio  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88435AS-P Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button MH88435AS-P Datasheet HTML 6Page - Mitel Networks Corporation MH88435AS-P Datasheet HTML 7Page - Mitel Networks Corporation MH88435AS-P Datasheet HTML 8Page - Mitel Networks Corporation MH88435AS-P Datasheet HTML 9Page - Mitel Networks Corporation MH88435AS-P Datasheet HTML 10Page - Mitel Networks Corporation MH88435AS-P Datasheet HTML 11Page - Mitel Networks Corporation MH88435AS-P Datasheet HTML 12Page - Mitel Networks Corporation MH88435AS-P Datasheet HTML 13Page - Mitel Networks Corporation MH88435AS-P Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MH88435-P
Preliminary Information
2-48
Electrical Characteristics are over Recommended Operating Conditions unless otherwise stated.
‡Typical figures are at 25
°C with nominal +5V and are for design aid only.
Note 1: All of the above test conditions use a test source impedance which matches the device’s impedance.
Note 2: dBm is referenced to 600
Ω unless otherwise stated.
Note 3: These parameters need to be taken into consideration when designing or specifying the power supply.
11
Longitudinal to Metallic Balance
Metallic to Longitudinal Balance
46
46
60
40
65
65
68
62
dB
dB
dB
dB
Test circuit as Fig. 10
300-1000Hz
1000-3400Hz
Test circuit as Fig.11
200-1000Hz
1000-4000Hz
12
Idle Channel Noise
at 2-Wire
at VX
at 2-Wire
at VX
Nc
10
10
-80
-80
20
20
dBrnC
dBrnC
dBm
dBm
Cmess filter
300-3400Hz filter
13
Transmit Gain (2-Wire to VX)
(Terminated gain)
Off-Hook
(Voltage gain)
On-Hook
-1
0
0
+1
dB
dB
Test circuit as Fig. 7
Input 0.5V @ 1kHz
LC = 0V
14
Frequency Response Gain
(relative to Gain @ 1kHz)
-1
-1
+0.3
+0.2
+1
+1
dB
dB
300Hz
3400Hz
15
Intermodulation Distortion
products at VX and 2W
IMD
60
dB
ILOOP = 25-75mA
F1 = 1kHz at -6dBm
F2 = 800Hz at -6dBm
Total signal power =
-3dBm
16
Distortion at VX due to near end
echo
(300Hz - 3400Hz bandwidth)
75
dB
ILOOP = 25-75mA
F1 = 1kHz at -6dBm
F2 = 800Hz at -6dBm
Total signal power =
-3dBm
17
Common Mode Rejection on 2 wire
at VX
CMRR
56
dB
Test circuit as Fig. 10
1-100Hz. Note 4
18
Common Mode overload level
CMOL
7
Vrms
Test circuit as Fig. 10.
Note 4
Variations from Standard AC Electrical Characteristics
(MH88437AD-PI/MH88437AS-PI) (-40˚C to 0˚C)
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Frequency Response Gain
-0.6
-0.65
dB
300Hz (-40˚C to 0˚C)
AC Electrical Characteristics
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com