Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM20133MHX/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM20133MHX/NOPB
Descripción Electrónicos  3A, PowerWise Synchronous Buck Regulator with Input Synchronization
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM20133MHX/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM20133MHX/NOPB Datasheet HTML 21Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 22Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 23Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 24Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 25Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 26Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 27Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 28Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM20133MHE/NOPB
HTSSOP
PWP
16
250
178.0
12.4
6.95
5.6
1.6
8.0
12.0
Q1
LM20133MHX/NOPB
HTSSOP
PWP
16
2500
330.0
12.4
6.95
5.6
1.6
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
6-Nov-2015
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29