Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MIC4426 Datasheet(PDF) 1 Page - Micrel Semiconductor

No. de pieza MIC4426
Descripción Electrónicos  Dual 1.5A-Peak Low-Side MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4426 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4426 Datasheet HTML 1Page - Micrel Semiconductor MIC4426 Datasheet HTML 2Page - Micrel Semiconductor MIC4426 Datasheet HTML 3Page - Micrel Semiconductor MIC4426 Datasheet HTML 4Page - Micrel Semiconductor MIC4426 Datasheet HTML 5Page - Micrel Semiconductor MIC4426 Datasheet HTML 6Page - Micrel Semiconductor MIC4426 Datasheet HTML 7Page - Micrel Semiconductor MIC4426 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
September 1999
1
MIC4426/4427/4428
MIC4426/4427/4428
Micrel
MIC4426/4427/4428
Dual 1.5A-Peak Low-Side MOSFET Driver
General Description
The MIC4426/4427/4428 family are highly-reliable dual low-
side MOSFET drivers fabricated on a BiCMOS/DMOS pro-
cess for low power consumption and high efficiency. These
drivers translate TTL or CMOS input logic levels to output
voltage levels that swing within 25mV of the positive supply
or ground. Comparable bipolar devices are capable of swing-
ing only to within 1V of the supply. The MIC4426/7/8 is
available in three configurations: dual inverting, dual nonin-
verting, and one inverting plus one noninverting output.
The MIC4426/4427/4428 are pin-compatible replacements
for the MIC426/427/428 and MIC1426/1427/1428 with im-
proved electrical performance and rugged design (Refer to
the Device Replacement lists on the following page). They
can withstand up to 500mA of reverse current (either polarity)
without latching and up to 5V noise spikes (either polarity) on
ground pins.
Primarily intended for driving power MOSFETs, MIC4426/7/8
drivers are suitable for driving other loads (capacitive, resis-
tive, or inductive) which require low-impedance, high peak
current, and fast switching time. Other applications include
driving heavily loaded clock lines, coaxial cables, or piezo-
electric transducers. The only load limitation is that total driver
power dissipation must not exceed the limits of the package.
Functional Diagram
INA
OUTA
INVERTING
NONINVERTING
0.1mA
0.6mA
2k
INB
OUTB
INVERTING
NONINVERTING
0.1mA
0.6mA
2k
VS
GND
Features
• Bipolar/CMOS/DMOS construction
• Latch-up protection to >500mA reverse current
• 1.5A-peak output current
• 4.5V to 18V operating range
• Low quiescent supply current
4mA at logic 1 input
400
µA at logic 0 input
• Switches 1000pF in 25ns
• Matched rise and rall times
•7
Ω output impedance
• < 40ns typical delay
• Logic-input threshold independent of supply voltage
• Logic-input protection to –5V
• 6pF typical equivalent input capacitance
• 25mV max. output offset from supply or ground
• Replaces MIC426/427/428 and MIC1426/1427/1428
• Dual inverting, dual noninverting, and inverting/
noninverting configurations
• ESD protection
Applications
• MOSFET driver
• Clock line driver
• Coax cable driver
• Piezoelectic transducer driver


Número de pieza similar - MIC4426

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
MIC4426 MICREL-MIC4426 Datasheet
269Kb / 9P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4426BM MICREL-MIC4426BM Datasheet
269Kb / 9P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4426BMM MICREL-MIC4426BMM Datasheet
269Kb / 9P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4426BN MICREL-MIC4426BN Datasheet
269Kb / 9P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4426CM MICREL-MIC4426CM Datasheet
269Kb / 9P
Dual 1.5A-Peak Low-Side MOSFET Driver
More results

Descripción similar - MIC4426

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
MIC1427 MICREL-MIC1427 Datasheet
557Kb / 8P
Dual 1.2A-Peak Low-Side MOSFET Driver
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MIC4123 MICREL-MIC4123 Datasheet
360Kb / 11P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423 MICREL-MIC4423_05 Datasheet
218Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4426 MICREL-MIC4426_05 Datasheet
269Kb / 9P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4424YM MICREL-MIC4424YM Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423YM MICREL-MIC4423YM Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4424YM-TR MICREL-MIC4424YM-TR Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4425YN MICREL-MIC4425YN Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423ZN MICREL-MIC4423ZN Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com