Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

53506 Datasheet(PDF) 1 Page - Micropac Industries

No. de pieza 53506
Descripción Electrónicos  SOLID STATE POWER CONTROLLERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROPAC [Micropac Industries]
Página de inicio  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53506 Datasheet(HTML) 1 Page - Micropac Industries

  53506 Datasheet HTML 1Page - Micropac Industries 53506 Datasheet HTML 2Page - Micropac Industries 53506 Datasheet HTML 3Page - Micropac Industries 53506 Datasheet HTML 4Page - Micropac Industries 53506 Datasheet HTML 5Page - Micropac Industries 53506 Datasheet HTML 6Page - Micropac Industries 53506 Datasheet HTML 7Page - Micropac Industries 53506 Datasheet HTML 8Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
8/22/05 Rev E
53506 Series
SOLID STATE POWER CONTROLLERS
Features:
Switch Status Reporting
Over Current and Short Circuit Protection
SPST, normally open
5A, 10A and 15A Operating Current Options
Power MOSFET Output with Low On-state
Resistance
-55ºC to +125ºC. Operating Temperature Range
Radiation Tolerant version available
MIL-PRF-38534 Environmental Screening
available
Applications:
Designed for 24V, 28V bus applications
Aircraft Power Distribution
Military/High Reliability Systems
Satellite/Space Systems
DESCRIPTION
The 53506 Series Solid-State Power Controllers (SSPC) are designed to replace electromechanical breakers and solid-state
relays. In addition to less weight and resilience to shock and vibration damage, SSPCs offer superior performance and
longer operational lifetime over electromechanical circuit breakers, by eliminating problems associated with arcing and
contact contamination. 53506 SSPCs also offer protection for current overload and short circuit conditions.
Control input and output stages are isolated up to 1000VDC. The Power MOSFET switches used in output stage provide low
“on” resistance and minimal internal power dissipation.
Micropac recommends that any transient voltage which may result from operating into an inductive load (i.e. during turn off)
should be suppressed to ensure that the part will not be exposed to a condition above its absolute maximum ratings.
The 53506 SSPC features a programmable current trip point feature, allowing the trimming of the trip current between the
device current rating (
trip
I
) and one half of
trip
I
. The trip point can be adjusted per the following equation:
)
(trim
I
)
(design
I
 
 
)
(
100
50
1
trim
R
Where R(trim) is in kilo ohms. As an application example,
)
(trim
R
must be set to zero ohms, for a 50% current trip point. This
can be accomplished by applying a short circuit between pins 6 and 7 of the device.
ABSOLUTE MAXIMUM RATINGS
Isolation voltage (Input to Output to Case) ................................................................................................................. 1000 VDC
Transient output voltage…………………………………………………………………....................................................100 VDC
Load Current ........................................................................................................Less Than 8 Times Rated Operating Current
Bias supply voltage ............................................................................................................................................. -0.3 to 5.5 VDC
Control Voltage .............................................................................................................1 Volt above VBias / 1 Volt below Return
Operating temperature ............................................................................................................................ -55ºC to +125ºC Case
Storage temperature ..........................................................................................................................................-55ºC to +125ºC
Notes:
Reversing polarity on the output may cause permanent damage


Número de pieza similar - 53506

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
5350 ALLEGRO-5350 Datasheet
75Kb / 8P
SMOKE DETECTOR WITH INTERCONNECT
logo
Visual Communications C...
5350 VCC-5350 Datasheet
82Kb / 1P
T3/4 Right Angle LED Assembly
logo
Alpha Wire
5350-4C ALPHAWIRE-5350-4C Datasheet
411Kb / 4P
20 (7/28) AWG Tinned Copper
5350/4C ALPHAWIRE-5350/4C Datasheet
411Kb / 4P
20 (7/28) AWG Tinned Copper
logo
Micropac Industries
53502 MICROPAC-53502 Datasheet
203Kb / 9P
LATCHING SOLID STATE POWER CONTROLLER
More results

Descripción similar - 53506

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP541G TOSHIBA-TLP541G Datasheet
536Kb / 6P
Programmable Controllers AC.Output Module Solid State Relay
logo
Micropac Industries
53217 MICROPAC-53217 Datasheet
123Kb / 6P
SPST SOLID-STATE POWER CONTROLLERS
logo
Toshiba Semiconductor
TLP3902 TOSHIBA-TLP3902 Datasheet
189Kb / 6P
SOLID STATE RELAY PROGRAMMABLE CONTROLLERS
logo
Micropac Industries
53508 MICROPAC-53508 Datasheet
177Kb / 5P
SOLID STATE POWER CONTROLLERS
53509 MICROPAC-53509 Datasheet
175Kb / 5P
SOLID STATE POWER CONTROLLERS
logo
Sensitron
SPDM16C11 SENSITRON-SPDM16C11 Datasheet
126Kb / 4P
DIAMONDBACK Series Programmable Multi-Channel Solid State Power Controllers
122908 SENSITRON-122908 Datasheet
126Kb / 4P
DIAMONDBACK Series Programmable Multi-Channel Solid State Power Controllers
PB5038 SENSITRON-PB5038 Datasheet
370Kb / 4P
COBRA Series Programmable Multi-Channel Solid State Power Controllers
PB5114 SENSITRON-PB5114 Datasheet
126Kb / 4P
DIAMONDBACK Series Programmable Multi-Channel Solid State Power Controllers
logo
Micropac Industries
53514 MICROPAC-53514 Datasheet
104Kb / 7P
SOLID STATE POWER CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com