Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

53506 Datasheet(PDF) 8 Page - Micropac Industries

No. de pieza 53506
Descripción Electrónicos  SOLID STATE POWER CONTROLLERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROPAC [Micropac Industries]
Página de inicio  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53506 Datasheet(HTML) 8 Page - Micropac Industries

  53506 Datasheet HTML 1Page - Micropac Industries 53506 Datasheet HTML 2Page - Micropac Industries 53506 Datasheet HTML 3Page - Micropac Industries 53506 Datasheet HTML 4Page - Micropac Industries 53506 Datasheet HTML 5Page - Micropac Industries 53506 Datasheet HTML 6Page - Micropac Industries 53506 Datasheet HTML 7Page - Micropac Industries 53506 Datasheet HTML 8Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
53506 Series
Solid State Power Controllers
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
11/8/07
Rev F
Page 8 of 8
NOTES:
1. The 53506 contains radiation hardened components and other circuit features that
provide a level of single event and total dose radiation tolerance. Micropac does not
guarantee any level of radiation hardness. Specific lot testing is required to determine
the level of radiation hardness. Micropac does not offer this device as compliant to
Appendix G (RHA Requirements) of MIL-PRF-38534.
2. Devices are electrically tested at -55
C, +25C and +125C with no environmental
screening or qualification.
3. Fully compliant Class H or Class K devices will require Element Evaluation and QCI.
MPC-53506-100-XX-XX
28 - Maximum DC Voltage
05
–5 Amp Operating Current
10
– 10 Amp Operating Current
15
– 15 Amp Operating Current
A - No Screening (See Note 2)
B - Screened to Table C-IX of MIL-PRF-38534 Class H
D - Screened to Table C-IX of MIL-PRF-38534 Class K
F - Custom
S
– Standard
R
– Radiation Tolerant (See Note 1)
Ordering Information:



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com