Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PE15A1014 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

No. de pieza PE15A1014
Descripción Electrónicos  50 MHz to 1 GHz Frequency Range
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A1014 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE15A1014 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A1014 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A1014 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A1014 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A1014 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A1014 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
TECHNICAL DATA SHEET
Typical Performance Data
dB
dB
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
50 100 150 200 250 300 350 400 450 500 550 600 650 700 750 800 850 900 950 1000
Freq.(GHz)
Gain, Input Return Loss and Output Return Loss
Gain(dB )@+25 C
IN_Return Loss(dB)
OUT_Return Loss(dB)
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
50 100 150 200 250 300 350 400 450 500 550 600 650 700 750 800 850 900 950 1000
Freq.(GHz)
Gain vs Temperature
Gain(dB )@+25 C
Gain(dB) @+50
Gain(dB) @-10
PE15A1014
PE15A1014 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 36 dBm IP3, 50 MHz to 1,000 MHz, Low Noise Amplifier, SMA PE15A1014
36 dBm IP3, 50 MHz to 1,000 MHz, Low Noise Amplifier, SMA



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com