Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2431 Datasheet(PDF) 3 Page - Linear Technology

No. de pieza LTC2431
Descripción Electrónicos  20-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2431 Datasheet(HTML) 3 Page - Linear Technology

  LTC2431_15 Datasheet HTML 1Page - Linear Technology LTC2431_15 Datasheet HTML 2Page - Linear Technology LTC2431_15 Datasheet HTML 3Page - Linear Technology LTC2431_15 Datasheet HTML 4Page - Linear Technology LTC2431_15 Datasheet HTML 5Page - Linear Technology LTC2431_15 Datasheet HTML 6Page - Linear Technology LTC2431_15 Datasheet HTML 7Page - Linear Technology LTC2431_15 Datasheet HTML 8Page - Linear Technology LTC2431_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
LTC2430/LTC2431
3
24301f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN+
Absolute/Common Mode IN+ Voltage
q
GND – 0.3V
VCC + 0.3V
V
IN
Absolute/Common Mode INVoltage
q
GND – 0.3V
VCC + 0.3V
V
VIN
Input Differential Voltage Range
q
–VREF/2
VREF/2
V
(IN+ – IN)
REF+
Absolute/Common Mode REF+ Voltage
q
0.1
VCC
V
REF
Absolute/Common Mode REFVoltage
q
GND
VCC – 0.1V
V
VREF
Reference Differential Voltage Range
q
0.1
VCC
V
(REF+ – REF)
CS (IN+)IN+ Sampling Capacitance
1.5
pF
CS (IN)INSampling Capacitance
1.5
pF
CS (REF+)REF+ Sampling Capacitance
1.5
pF
CS (REF)REFSampling Capacitance
1.5
pF
IDC_LEAK (IN
+)IN+ DC Leakage Current
CS = VCC, IN
+ = GND
q
–10
1
10
nA
IDC_LEAK (IN
)INDC Leakage Current
CS = VCC, IN
= VCC
q
–10
1
10
nA
IDC_LEAK (REF
+)REF+ DC Leakage Current
CS = VCC, REF
+ = VCC
q
–10
1
10
nA
IDC_LEAK (REF)REFDC Leakage Current
CS = VCC, REF= GND
q
–10
1
10
nA
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Common Mode Rejection DC
2.5V
≤ REF+ ≤ VCC, REF= GND,
q
110
120
dB
GND
≤ IN= IN+ ≤ 5V (Note 5)
Input Common Mode Rejection
2.5V
≤ REF+ ≤ VCC, REF= GND,
q
140
dB
60Hz
±2%
GND
≤ IN= IN+ ≤ 5V, (Notes 5, 7)
Input Common Mode Rejection
2.5V
≤ REF+ ≤ VCC, REF= GND,
q
140
dB
50Hz
±2%
GND
≤ IN= IN+ ≤ 5V, (Notes 5, 8)
Input Normal Mode Rejection
(Notes 5, 7)
q
110
140
dB
60Hz
±2%
Input Normal Mode Rejection
(Notes 5, 8)
q
110
140
dB
50Hz
±2%
Reference Common Mode
2.5V
≤ REF+ ≤ VCC, GND ≤ REF≤ 2.5V,
q
130
140
dB
Rejection DC
VREF = 2.5V, IN
= IN+ = GND (Note 5)
Power Supply Rejection, DC
REF+ = 2.5V, REF= GND, IN= IN+ = GND
110
dB
Power Supply Rejection, 60Hz
±2% REF+ = 2.5V, REF= GND, IN= IN+ = GND, (Note 7)
120
dB
Power Supply Rejection, 50Hz
±2% REF+ = 2.5V, REF= GND, IN= IN+ = GND, (Note 8)
120
dB
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
CO VERTER CHARACTERISTICS
A ALOG I PUT A D REFERE CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com