Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2431 Datasheet(PDF) 7 Page - Linear Technology

No. de pieza LTC2431
Descripción Electrónicos  20-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2431 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2431_15 Datasheet HTML 3Page - Linear Technology LTC2431_15 Datasheet HTML 4Page - Linear Technology LTC2431_15 Datasheet HTML 5Page - Linear Technology LTC2431_15 Datasheet HTML 6Page - Linear Technology LTC2431_15 Datasheet HTML 7Page - Linear Technology LTC2431_15 Datasheet HTML 8Page - Linear Technology LTC2431_15 Datasheet HTML 9Page - Linear Technology LTC2431_15 Datasheet HTML 10Page - Linear Technology LTC2431_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LTC2430/LTC2431
7
24301f
TYPICAL PERFOR A CE CHARACTERISTICS
RMS Noise vs VINCM
RMS Noise vs Temperature (TA)
VINCM (V)
–1
0
2.4
2.8
3.4
1
3
4
24301 G11
2.6
3.2
3.0
2
5
6
VCC = 5V
REF+ = 5V
REF= GND
VIN = 0V
VINCM = GND
FO = GND
TA = 25°C
TEMPERATURE (
°C)
–50
2.4
2.6
2.8
3.0
3.2
3.4
–25
025
50
24301 G12
75
100
VCC = 5V
VREF = 5V
VIN = 0V
VINCM = GND
FO = GND
RMS Noise vs VCC
VCC (V)
2.7
3.1
2.4
2.8
3.4
3.5
4.3
4.7
24301 G13
2.6
3.2
3.0
3.9
5.1
5.5
REF+ = 2.5V
REF= GND
VIN = 0V
VINCM = GND
FO = GND
TA = 25°C
RMS Noise vs VREF
VREF (V)
0
3.0
3.2
3.4
4
24301 G14
2.8
2.6
2.4
1
2
3
5
VCC = 5V
REF= GND
VIN = 0V
VINCM = GND
FO = GND
TA = 25°C
Offset Error vs VINCM
VINCM (V)
–1
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
1
3
4
24301 G15
–0.6
0.6
0.8
0.2
0
2
5
6
VCC = 5V
REF+ = 5V
REF= GND
VIN = 0V
FO = GND
TA = 25°C
Offset Error vs Temperature
Offset Error vs VREF
TEMPERATURE (
°C)
–45
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
–15
15
30
90
24301 G16
–0.6
0.6
0.8
0.2
–30
0
45
60
75
VCC = 5V
VREF =5V
VIN = 0V
VINCM = GND
FO = GND
Offset Error vs VCC
VCC (V)
2.7
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
3.5
4.3
4.7
24301 G17
–0.6
0.6
0.8
0.2
3.1
3.9
5.1
5.5
REF+ = VCC
REF= GND
VIN = 0V
VINCM = GND
FO = GND
TA = 25°C
VREF (V)
0
1
3
5
4
24301 G18
–1
–3
0
2
4
–2
–4
–5
1
2
3
5
VCC = 5V
REF= GND
VIN = 0V
VINCM = GND
FO = GND
TA = 25°C
Full-Scale Error vs Temperature
TEMPERATURE (
°C)
–45
–20
–10
0
10
20
–30 –15
0
15
24301 G19
30
45
60
75
90
+FS ERROR
–FS ERROR
VCC = 5V
VREF = 5V
FO = GND
VINCM = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com