Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2400 Datasheet(PDF) 2 Page - Linear Technology

No. de pieza LTC2400
Descripción Electrónicos  24-Bit Power No Latency ADC in SO-8
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2400 Datasheet(HTML) 2 Page - Linear Technology

  LTC2400_15 Datasheet HTML 1Page - Linear Technology LTC2400_15 Datasheet HTML 2Page - Linear Technology LTC2400_15 Datasheet HTML 3Page - Linear Technology LTC2400_15 Datasheet HTML 4Page - Linear Technology LTC2400_15 Datasheet HTML 5Page - Linear Technology LTC2400_15 Datasheet HTML 6Page - Linear Technology LTC2400_15 Datasheet HTML 7Page - Linear Technology LTC2400_15 Datasheet HTML 8Page - Linear Technology LTC2400_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
LTC2400
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
(Note 14)
q
– 0.125 • VREF
1.125 • VREF
V
VREF
Reference Voltage Range
q
0.1
VCC
V
CS(IN)
Input Sampling Capacitance
10
pF
CS(REF)
Reference Sampling Capacitance
15
pF
IIN(LEAK)
Input Leakage Current
CS = VCC
q
–10
1
10
nA
IREF(LEAK)
Reference Leakage Current
VREF = 2.5V, CS = VCC
q
–10
1
10
nA
ORDER PART NUMBER
Consult factory for Military grade parts.
S8 PART MARKING
(Notes 1, 2)
Supply Voltage (VCC) to GND.......................–0.3V to 7V
Analog Input Voltage to GND ....... – 0.3V to (VCC + 0.3V)
Reference Input Voltage to GND .. – 0.3V to (VCC + 0.3V)
Digital Input Voltage to GND ........ – 0.3V to (VCC + 0.3V)
Digital Output Voltage to GND ..... – 0.3V to (VCC + 0.3V)
Operating Temperature Range
LTC2400C ............................................... 0
°C to 70°C
LTC2400I ............................................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
TJMAX = 125°C, θJA = 130°C/W
LTC2400CS8
LTC2400IS8
2400
2400I
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
0.1V
≤ VREF ≤ VCC, (Note 5)
q
24
Bits
Integral Nonlinearity
VREF = 2.5V (Note 6)
q
2
10
ppm of VREF
VREF = 5V (Note 6)
q
4
15
ppm of VREF
Offset Error
2.5V
≤ VREF ≤ VCC
q
0.5
2
ppm of VREF
Offset Error Drift
2.5V
≤ VREF ≤ VCC
0.01
ppm of VREF/°C
Full-Scale Error
2.5V
≤ VREF ≤ VCC
q
4
10
ppm of VREF
Full-Scale Error Drift
2.5V
≤ VREF ≤ VCC
0.02
ppm of VREF/°C
Total Unadjusted Error
VREF = 2.5V
5
ppm of VREF
VREF = 5V
10
ppm of VREF
Output Noise
VIN = 0V (Note 13)
1.5
µVRMS
Normal Mode Rejection 60Hz
±2%
(Note 7)
q
110
130
dB
Normal Mode Rejection 50Hz
±2%
(Note 8)
q
110
130
dB
Power Supply Rejection, DC
VREF = 2.5V, VIN = 0V
100
dB
Power Supply Rejection, 60Hz
±2% VREF = 2.5V, VIN = 0V, (Notes 7, 15)
110
dB
Power Supply Rejection, 50Hz
±2% VREF = 2.5V, VIN = 0V, (Notes 8, 15)
110
dB
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
CONVERTER CHARACTERISTICS
A ALOG I PUT A D REFERE CE
1
2
3
4
8
7
6
5
TOP VIEW
FO
SCK
SDO
CS
VCC
VREF
VIN
GND
S8 PACKAGE
8-LEAD PLASTIC SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com