Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2400 Datasheet(PDF) 7 Page - Linear Technology

No. de pieza LTC2400
Descripción Electrónicos  24-Bit Power No Latency ADC in SO-8
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2400 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2400_15 Datasheet HTML 3Page - Linear Technology LTC2400_15 Datasheet HTML 4Page - Linear Technology LTC2400_15 Datasheet HTML 5Page - Linear Technology LTC2400_15 Datasheet HTML 6Page - Linear Technology LTC2400_15 Datasheet HTML 7Page - Linear Technology LTC2400_15 Datasheet HTML 8Page - Linear Technology LTC2400_15 Datasheet HTML 9Page - Linear Technology LTC2400_15 Datasheet HTML 10Page - Linear Technology LTC2400_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
LTC2400
Conversion Current vs Temperature
Sleep Current vs Temperature
PSRR vs Frequency at VCC
PSRR vs Frequency at VCC
PSRR vs Frequency at VCC
Rejection vs Frequency at VIN
Rejection vs Frequency at VIN
Rejection vs Frequency at VIN
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–55
220
20
2400 G19
190
170
–30
–5
45
160
150
230
210
200
180
70
95
120
VCC = 5.5V
VCC = 4.1V
VCC= 2.7V
TEMPERATURE (
°C)
–55
20
25
30
20
70
2400 G20
15
10
–30
–5
45
95
120
5
0
VCC = 2.7V, 5.5V
FREQUENCY AT VCC (Hz)
0
–130
–110
–90
–70
–50
–30
–10
50
100
150
200
2400 G21
250
VCC = 4.1V
VIN = 0V
TA = 25°C
F0 = 0
FREQUENCY AT VCC (Hz)
15200
–120
–100
–80
–60
–40
0
15250 15300 15350 15400
1635 G22
15450 15500
–20
VCC = 4.1V
VIN = 0V
TA = 25°C
FO = 0
FREQUENCY AT VCC (Hz)
1
–120
–100
–80
–60
–40
–20
0
100
10k
1M
2400 G23
VCC = 4.1V
VIN = 0V
TA = 25°C
FO = 0
15,360Hz
153,600Hz
FREQUENCY AT VIN (Hz)
1
–120
–100
–80
–60
–40
–20
0
50
100
150
200
2400 G24
250
VCC = 5V
VREF = 5V
VIN = 2.5V
FO = 0
INPUT FREQUENCY DEVIATION FROM NOTCH FREQUENCY (%)
–12
–8
–4
048
12
2400 G25
–60
–70
–80
–90
–100
–110
–120
–130
–140
FREQUENCY AT VIN (Hz)
15100
–120
–100
–80
–60
–40
–20
0
15200
15300
15400
15500
2400 G26
VCC = 5V
VREF = 5V
VIN = 2.5V
FO = 0
SAMPLE RATE = 15.36kHz
±2%
Rejection vs Frequency at VIN
INPUT FREQUENCY
0
–60
–40
0
2400 F26
–80
–100
fS/2
fS
–120
–140
–20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com