| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UM0851 Datasheet(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0851 Datasheet(HTML) 44 Page - STMicroelectronics |
|
44 / 245 page ![]() Communication device drivers UM0851 44/245 Doc ID 16604 Rev 2 Figure 7. GMAC block diagram The GMAC-UNIV supports any one or a combination of the following PHY interfaces: ● Gigabit media independent interface (GMII)/media independent interface (MII) [default] ● Serial GMII (SGMII) Apart from the above, the following hardware features are available and supported by the software: ● Promiscuous mode ● Check Sum offload for received IP and TCP/UDP packets ● Dual buffer ring (implicit chaining) being used for handling DMA descriptors. This option allows a maximum of 4 KB of packets to be handled by a single DMA descriptor for SPEAr600 and 16 KB of packets handled by a single DMA descriptor for SPEAr300 ● Magic packet detection support for waking up from sleep. 4.1.2 Software overview The GMAC Ethernet driver sits on top of the GMAC controller and interfaces with the Linux TCP/IP stack through the standard Linux network interface. RX FIFO MEM TX FIFO MEM TX FC RX FC DMA CSR OMR REGS MAC CSR DMA AHB MASTER I/F AHB SLAVE I/F PHY I/F SGMII MUX (G)MII GMAC MTL GMAC DMA GMAC AHB |