Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UM0851 Datasheet(PDF) 40 Page - STMicroelectronics

No. de pieza UM0851
Descripción Electrónicos  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 36Page - STMicroelectronics UM0851 Datasheet HTML 37Page - STMicroelectronics UM0851 Datasheet HTML 38Page - STMicroelectronics UM0851 Datasheet HTML 39Page - STMicroelectronics UM0851 Datasheet HTML 40Page - STMicroelectronics UM0851 Datasheet HTML 41Page - STMicroelectronics UM0851 Datasheet HTML 42Page - STMicroelectronics UM0851 Datasheet HTML 43Page - STMicroelectronics UM0851 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 245 page
background image
Platform section
UM0851
40/245
Doc ID 16604 Rev 2
Figure 6.
RTC software system architecture
Note:
To get access to the real time clock, you need to create a character special file /dev/rtc with
major number 10 and minor number 135.
An "RTC Class" framework is defined to support several different RTCs. It offers three
different user space interfaces:
●
/dev/rtcN … much the same as the older /dev/rtc interface.
●
/sys/class/rtc/rtcN … sysfs attributes support read-only access to some RTC attributes.
●
/proc/driver/rtc … the first RTC (rtc0) may expose itself using a proc-fs interface.
The kernel has a dedicated RTC subsystem providing the top-layer char driver and a core
infrastructure that bottom-layer RTC drivers can use to tie in with the top layer. The main
components of this infrastructure are the rtc_class_ops structure and the registration
functions, rtc_device_[register|unregister](). Bottom-layer RTC drivers scattered under
different bus-specific directories are unified with this subsystem under drivers/rtc/.
Linux RTC class interface
struct rtc_class_ops {
struct module *owner;
int (*open)(struct device *);
void (*release)(struct device *);
int (*ioctl)(struct device *, unsigned int, unsigned long);
int (*read_time)(struct device *, struct rtc_time *);
int (*set_time)(struct device *, struct rtc_time *);
int (*read_alarm)(struct device *, struct rtc_wkalrm *);
int (*set_alarm)(struct device *, struct rtc_wkalrm *);
int (*proc)(struct device *, struct seq_file *);
int (*set_mmss)(struct device *, unsigned long secs);
};
rtc = rtc_device_register(pdev->name, &pdev->dev,
hwclock
/dev/rtc
Linux RTC Class
RTC driver
RTC hardware
Hardware
Kernel space
User space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More