Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC1861 Datasheet(PDF) 10 Page - Linear Technology

No. de pieza LTC1861
Descripción Electrónicos  Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC1861 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1861_15 Datasheet HTML 6Page - Linear Technology LTC1861_15 Datasheet HTML 7Page - Linear Technology LTC1861_15 Datasheet HTML 8Page - Linear Technology LTC1861_15 Datasheet HTML 9Page - Linear Technology LTC1861_15 Datasheet HTML 10Page - Linear Technology LTC1861_15 Datasheet HTML 11Page - Linear Technology LTC1861_15 Datasheet HTML 12Page - Linear Technology LTC1861_15 Datasheet HTML 13Page - Linear Technology LTC1861_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC1860/LTC1861
10
18601fa
FUNCTIONAL BLOCK DIAGRAM
TEST CIRCUITS
Load Circuit for tdDO, tr, tf, tdis and ten
Voltage Waveforms for SDO Rise and Fall Times, tr, tf
Voltage Waveforms for SDO Delay Times, tdDO and thDO
Voltage Waveforms for ten
Voltage Waveforms for tdis
1860/61 BD
12-BIT
SAMPLING
ADC
BIAS AND
SHUTDOWN
CONVERT
CLK
SERIAL
PORT
12-BITS
IN+
(CH0)
IN
(CH1)
VCC
VREF
SDO
GND
CONV (SDI) SCK
PIN NAMES IN
PARENTHESES
REFER TO LTC1861
DATA OUT
DATA IN
+
SDO
3k
20pF
TEST POINT
VCC tdis WAVEFORM 2, ten
tdis WAVEFORM 1
1860 TC01
SDO
tr
tf
1860 TC04
VOH
VOL
1860 TC03
CONV
SDO
ten
SCK
SDO
VIL
tdDO
thDO
VOH
VOL
1860 TC02
SDO
WAVEFORM 1
(SEE NOTE 1)
VIH
tdis
90%
10%
SDO
WAVEFORM 2
(SEE NOTE 2)
CONV
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS HIGH UNLESS DISABLED BY THE OUTPUT CONTROL
NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS LOW UNLESS DISABLED BY THE OUTPUT CONTROL
1860 TC05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com