Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC1861 Datasheet(PDF) 7 Page - Linear Technology

No. de pieza LTC1861
Descripción Electrónicos  Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC1861 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1861_15 Datasheet HTML 3Page - Linear Technology LTC1861_15 Datasheet HTML 4Page - Linear Technology LTC1861_15 Datasheet HTML 5Page - Linear Technology LTC1861_15 Datasheet HTML 6Page - Linear Technology LTC1861_15 Datasheet HTML 7Page - Linear Technology LTC1861_15 Datasheet HTML 8Page - Linear Technology LTC1861_15 Datasheet HTML 9Page - Linear Technology LTC1861_15 Datasheet HTML 10Page - Linear Technology LTC1861_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC1860/LTC1861
7
18601fa
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Sampling
Frequency
Supply Current vs Temperature
Sleep Current vs Temperature
Reference Current vs
Sample Rate
Reference Current vs
Temperature
Reference Current vs
Reference Voltage
Typical INL Curve
Typical DNL Curve
Analog Input Leakage vs
Temperature
SAMPLING FREQUENCY (kHz)
0.01
1000
100
10
1
0.1
0.01
100
1860/61 G01
0.1
1.0
10
1000
CONV LOW = 800ns
TA = 25 C
VCC = 5V
TEMPERATURE ( C)
–50
1000
800
600
400
200
0
0
50
75
1860/61 G02
–25
25
100
125
CONV HIGH = 3.2 S
fSMPL = 250kHz
VCC = 5V
VREF = 5V
TEMPERATURE ( C)
–50
1000
900
800
700
600
500
400
300
200
100
0
0
50
75
1860/61 G03
–25
25
100
125
CONV = VCC = 5V
SAMPLE RATE (kHz)
0
60
50
40
30
20
10
0
50
100
150
200
1860/61 G04
250
CONV IS LOW FOR 800ns
TA = 25 C
VCC = 5V
VREF = 5V
TEMPERATURE ( C)
–50
55
54
53
52
51
50
49
48
47
46
45
0
50
75
1860/61 G05
–25
25
100
125
fS = 250kHz
VCC = 5V
VREF = 5V
VREF (V)
0
60
50
40
30
20
10
0
123
4
1860/61 G06
5
fS = 250kHz
TA = 25 C
VCC = 5V
CODE
0
4096
1860/61 G07
1024
2048
3072
1.0
0.5
0
–0.5
–1.0
512
1536
2560
3584
TA = 25 C
VCC = 5V
VREF = 5V
CODE
0
4096
1860/61 G07
1024
2048
3072
1.0
0.5
0
–0.5
–1.0
512
1536
2560
3584
TA = 25 C
VCC = 5V
VREF = 5V
TEMPERATURE ( C)
–50
100
1860/61 G09
050
100
75
50
25
0
–25
25
75
125
VCC = 5V
VREF = 5V
CONV = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com