Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN2182 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza AN2182
Descripción Electrónicos  Filters using the ST10 DSP library
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2182 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2182 Datasheet HTML 1Page - STMicroelectronics AN2182 Datasheet HTML 2Page - STMicroelectronics AN2182 Datasheet HTML 3Page - STMicroelectronics AN2182 Datasheet HTML 4Page - STMicroelectronics AN2182 Datasheet HTML 5Page - STMicroelectronics AN2182 Datasheet HTML 6Page - STMicroelectronics AN2182 Datasheet HTML 7Page - STMicroelectronics AN2182 Datasheet HTML 8Page - STMicroelectronics AN2182 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AN2182
Digital filtering principles
5/18
The output signal frequency response is given by the following expression:
where H(f), X(f) and Y(f) are the respective Fourier transforms of h(k), x(k) and y(k).
2.3
Finite impulse response filters
The FIR (Finite Impulse Response) are non-recursive filters, meaning that the output signal y(i)
is a linear combination of N input samples x(k) in the case of a N–1 order filter. Its equation is
where ak are the FIR’s coefficients.
A FIR filter is characterized by its order and its coefficients and can be used to implement any
kinds of filters (low-pass, high-pass, pass-band or cutoff band).
Yf
()
Hf
() Xf
()
=
yn
()
a
k
xn
k
()
k0
=
N1
⎝⎠
⎜⎟
⎜⎟
⎛⎞
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18