| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN2182 Datasheet(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2182 Datasheet(HTML) 9 Page - STMicroelectronics |
|
9 / 18 page ![]() AN2182 High-pass filter 9/18 4 High-pass filter The aim of this section is to create a high-pass filter with a cutoff frequency Fc and a gain G = 1, by determining a FIR h filter using the digital approach. The FIR coefficients correspond to h(n) where h is its continuous time response and h(n) = h(nTs). In the frequency domain, the ideal high-pass filter corresponding to these criteria has the following response: Figure 5. Ideal high-pass filter frequency response If we consider HH(f) the frequency response of the high-pass filter with a cutoff frequency Fc and HL(f) the frequency response of the low-pass filter with a cutoff frequency Fc, we can easily notice that In the time domain, this gives where N is the number of the filter’s coefficients, N–1 is the filter’s order and W is the window’s time function. In the case of a high-pass filter, N should be odd because of the dirac. Fc -Fc 0 1 Fs -Fs Fc -Fc 0 1 Fs -Fs High-pass filter Fc Low-pass filter Fc H H f () 1H L f () – = (5) h H n () δ n N1 – 2 ------------- – ⎝⎠ ⎛⎞ 2 F c F s ------ c 2F c n N1 – 2 ------------- – ⎝⎠ ⎛⎞ T s ⎝⎠ ⎛⎞ sin – ⎝⎠ ⎜⎟ ⎛⎞ Wn N1 – 2 ------------- – ⎝⎠ ⎛⎞ ⋅ = (6) |