Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN4374 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza AN4374
Descripción Electrónicos  The LED1642GW and ALED1642GW start-up guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4374 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4374 Datasheet HTML 1Page - STMicroelectronics AN4374 Datasheet HTML 2Page - STMicroelectronics AN4374 Datasheet HTML 3Page - STMicroelectronics AN4374 Datasheet HTML 4Page - STMicroelectronics AN4374 Datasheet HTML 5Page - STMicroelectronics AN4374 Datasheet HTML 6Page - STMicroelectronics AN4374 Datasheet HTML 7Page - STMicroelectronics AN4374 Datasheet HTML 8Page - STMicroelectronics AN4374 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
The LED1642GW and ALED1642GW basic circuit
AN4374
4/25
DocID025366 Rev 2
1
The LED1642GW and ALED1642GW basic circuit
The below figure shows the LED1642GW and ALED1642GW basic application schematic:
Figure 2. LED1642GW and ALED1642GW typical application circuit
we can use Cin =1 uF, CLED = 47 uF, VLED= 5V, VDD = 3.3V, REXT =11 K and on PWCLK pin
a continuous square wave (0 to 3.3 V) with 50% duty cycle and a frequency of about 8 MHz
have to be applied. Starting from these conditions, a correct pattern sequence on SDI, CLK
and LE pins (0 to 3.3 V with a CLK frequency for example of about 1 MHz) have to be
provided so to obtain the LED power-on. The following examples refer to this circuit unless
otherwise specified.
2
First LED power-on
There are, at least, three different registers to be managed:
•
The configuration
•
The brightness
•
The switch
As first set-up, by using the default values, the configuration register can be neglected, while
the brightness register and the switch register have to be managed in order to have the LED
power-on.Therefore:
•
The configuration register = default, no pattern needed for configuration register set-up.
•
As far as the brightness register is concerned, a 16-bit value has to be sent for each of
16 outputs, 16x16 bit patterns (256 bits totally) are necessary; the first 15 have a data
latch (LE high for 3 CLK rising edges), last pattern has a global latch (LE high for 5 CLK
rising edges). 16x16 times SDI=1 have to be sent to program the maximum
brightness.The below images shown exactly the elements of this protocol with a
AM16851v1
LED1642GW
Supply voltage
SDI
CLK
LE
PWCLK
VDD
OUT0
OUT1
OUT15
R-EXT
Current setting
resistor
Data loaded
through serial
interface
LED common rail voltage
…..
SDO
Data output
+
Cin
Cled
GND
ALED1642GW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com