Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD17708 Datasheet(PDF) 18 Page - NEC

No. de pieza UPD17708
Descripción Electrónicos  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 18 Page - NEC

Back Button UPD17708 Datasheet HTML 14Page - NEC UPD17708 Datasheet HTML 15Page - NEC UPD17708 Datasheet HTML 16Page - NEC UPD17708 Datasheet HTML 17Page - NEC UPD17708 Datasheet HTML 18Page - NEC UPD17708 Datasheet HTML 19Page - NEC UPD17708 Datasheet HTML 20Page - NEC UPD17708 Datasheet HTML 21Page - NEC UPD17708 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
18
(5) P1A (P1A1) (input)
Note This is an internal signal output on execution of the clock stop instruction, and its circuit is
designed not to increase the current consumption due to noise even if the pin is floated.
(6) P1C (P1C3/AD5, P1C2/AD4) (input)
Note This is an internal signal output on execution of the clock stop instruction, and its circuit is
designed not to increase the current consumption due to noise even if the pin is floated.
(7) P1C (P1C1/AMIFC, P1C0/FMIFC) (input)
Note This is an internal signal output on execution of the clock stop instruction, and its circuit is
designed not to increase the current consumption due to noise even if the pin is floated.
VDD
A/D converter
CKSTOPNote
VDD
CKSTOPNote
VDD
VDD
VDD
General-purpose port
High-ON resistance
Frequency counter
CKSTOPNote