Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD17708 Datasheet(PDF) 37 Page - NEC

No. de pieza UPD17708
Descripción Electrónicos  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 37 Page - NEC

Back Button UPD17708 Datasheet HTML 33Page - NEC UPD17708 Datasheet HTML 34Page - NEC UPD17708 Datasheet HTML 35Page - NEC UPD17708 Datasheet HTML 36Page - NEC UPD17708 Datasheet HTML 37Page - NEC UPD17708 Datasheet HTML 38Page - NEC UPD17708 Datasheet HTML 39Page - NEC UPD17708 Datasheet HTML 40Page - NEC UPD17708 Datasheet HTML 41Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 356 page
background image
37
µPD17704, 17705, 17707, 17708, 17709
Figure 4-1. Outline of Data Memory (3/3)
(c)
µPD17704, 17705
Note
Port input/output selection registers are allocated to addresses 60H through 6FH of BANK 15.
Cautions 1. The
µPD17704 and 17705 do not have BANKs 6 through 14.
2. Nothing is allocated to addresses 00H through 5FH of BANK15.
Peripheral hardware
Data transfer
Column address
Data memory
BANK0
Port registers
Port registers
Port registers
Port registers
BANK1
BANK2
BANK3
BANK4
BANK5
BANK15Note
System registers
Ports
0123456789
A
B
C
D
E
F
Data transfer
0
1
2
3
4
5
6
7
Data buffer