Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD17708 Datasheet(PDF) 113 Page - NEC

No. de pieza UPD17708
Descripción Electrónicos  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 113 Page - NEC

Back Button UPD17708 Datasheet HTML 109Page - NEC UPD17708 Datasheet HTML 110Page - NEC UPD17708 Datasheet HTML 111Page - NEC UPD17708 Datasheet HTML 112Page - NEC UPD17708 Datasheet HTML 113Page - NEC UPD17708 Datasheet HTML 114Page - NEC UPD17708 Datasheet HTML 115Page - NEC UPD17708 Datasheet HTML 116Page - NEC UPD17708 Datasheet HTML 117Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 356 page
background image
113
µPD17704, 17705, 17707, 17708, 17709
11.3 General-Purpose Input Port (P0D, P1A, P1C)
11.3.1 Configuration of input port
The following paragraphs (1) and (2) show the configuration of the input port.
(1) P0D (P0D3, P0D2, P0D1, P0D0)
Note
This is an internal signal output on execution of the clock stop instruction, and its circuit is
designed not to increase the current consumption due to noise even if the pin is floated.
(2) P1A (P1A3, P1A2, P1A1, P1A0)
P1C (P1C3, P1C2, P1C1, P1C0)
Note
This is an internal signal output on execution of the clock stop instruction, and its circuit is
designed not to increase the current consumption due to noise even if the pin is floated. (Except
P1A3, P1A2, P1A0)
VDD
Write instruction
Read instruction
Port register
(1 bit)
CKSTOP Note
P0DPLD flag
High-ON resistance
Input latch
To A/D converter
VDD
To frequency counter or A/D converter
Write instruction
Read instruction
Port register
(1 bit)
CKSTOP Note