Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD17708 Datasheet(PDF) 286 Page - NEC

No. de pieza UPD17708
Descripción Electrónicos  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 286 Page - NEC

Back Button UPD17708 Datasheet HTML 282Page - NEC UPD17708 Datasheet HTML 283Page - NEC UPD17708 Datasheet HTML 284Page - NEC UPD17708 Datasheet HTML 285Page - NEC UPD17708 Datasheet HTML 286Page - NEC UPD17708 Datasheet HTML 287Page - NEC UPD17708 Datasheet HTML 288Page - NEC UPD17708 Datasheet HTML 289Page - NEC UPD17708 Datasheet HTML 290Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 356 page
background image
286
µPD17704, 17705, 17707, 17708, 17709
18.6 Status at Reset
18.6.1 At power-ON reset
The P1C0/FMIFC, P1C1/AMIFC, P2A0/FCG0, and P2A1/FCG1 pins are set in the general-purpose input port
mode.
18.6.2 At WDT&SP reset
The P1C0/FMIFC, P1C1/AMIFC, P2A0/FCG0, and P2A1/FCG1 pins are set in the general-purpose input port
mode.
18.6.3 On execution of clock stop instruction
The P1C0/FMIFC and P1C1/AMIFC pins are set in the general-purpose input port mode.
The P2A0/FCG0 and P2A1/FCG1 pins are set in the general-purpose I/O port mode, and retain the previous input
or output status.
18.6.4 At CE reset
The P1C0/FMIFC and P1C1/AMIFC pins are set in the general-purpose input port mode.
The P2A0/FCG0 and P2A1/FCG1 pins are set in the general-purpose I/O port mode, and retain the previous input
or output status.
18.6.5 In halt status
The P1C0/FMIFC, P1C1/AMIFC, P2A0/FCG0, and P2A1/FCG1 pins retain the status immediately before the halt
mode is set.