| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UM1008 Datasheet(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1008 Datasheet(HTML) 28 Page - STMicroelectronics |
|
28 / 32 page ![]() Services UM1008 28/32 Doc ID 18032 Rev 2 5.6.1 Repeater Call for client nodes The Repeater Call service is started by a Client node in accordance with the details presented in [2]. By pressing the CMD_RC Request button with the parameters presented in Figure 43 properly filled, the GUI performs both operations: ● send a MAC data request command to the connected modem following the upper protocol layer specifications for Data Payload; the Payload window automatically switches to the RC Request (BASIC) item; the data transmission takes into account the credit parameters expressed in the GUI (the IC parameter must be greater than 0 so that the modem can accept the RC Request) ● send an RC Request to the modem while powerline transmission is in progress to respect the RC mechanism, with the TX_POS, RC_THRESHOLD parameters expressed in the GUI. Figure 43. Repeater Call request for client 5.6.2 Repeater Call for server nodes In order to activate the Repeater Call service for server nodes, the MIB object 000Bh (repeater settings) must be written to either a “No” or “Yes” value through the referred ring menu from the MIB panel, as in Figure 44. Figure 44. Repeater settings for server node After a valid reception of a MAC frame properly filled to announce the Repeater Call mechanism (as the one sent by the Client in Section 5.6.1), if the Server receives an RC |