Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TN0873 Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza TN0873
Descripción Electrónicos  DIE2HR/D2HR manufacturing and quality specification
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0873 Datasheet(HTML) 2 Page - STMicroelectronics

  TN0873 Datasheet HTML 1Page - STMicroelectronics TN0873 Datasheet HTML 2Page - STMicroelectronics TN0873 Datasheet HTML 3Page - STMicroelectronics TN0873 Datasheet HTML 4Page - STMicroelectronics TN0873 Datasheet HTML 5Page - STMicroelectronics TN0873 Datasheet HTML 6Page - STMicroelectronics TN0873 Datasheet HTML 7Page - STMicroelectronics TN0873 Datasheet HTML 8Page - STMicroelectronics TN0873 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Space-grade description
TN0873
2/11
DocID022757 Rev 4
1
Space-grade description
1.1
Eligible products
In absence of an ESCC quality system for deliveries in die form, ST has developed
a dedicated proprietary space-grade, largely inspired by the American QML specifications.
Any ESCC qualified product can be provided in die form in compliance with this
specification.
The ST space-grade can be applied to non-ESCC and non-QML qualified products. Contact
ST for further details.
1.2
Product identification
The ST space-grade can be identified by a specific suffix (either DIE2HR or D2HR) in the
ST part number.
Example: 2N2222ADIE2HR
1.3
Die layout
ST provides, upon request, a document containing the die layout and the following
mechanical information:
•
Wafer size
•
Die size
•
Die thickness
•
Back metallization
•
Top metallization
•
Die pad size
•
Die pad identification with the corresponding die layout.
1.4
Production flow
For all products with an ESCC qualified version, ST guarantees that the mask set, diffusion
plant and diffusion process of any ST space-grade die are exactly the same as for the
corresponding ESCC qualified packaged parts.
In addition, ST space-grade dice have a guaranteed diffusion lot homogeneity for each line
item of any order, i.e., ST guarantees that wafers have been processed within the same
production batch and on the same equipment, at all process steps including diffusion,
metallization and passivation.
The manufacturing flow of space-grade die is made from wafers qualified as described
above. Eligible wafers go through the production flow summarized in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11