Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2961 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2961
Descripción Electrónicos  300 MHz minimum 1 dB BW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2961 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2961 Datasheet HTML 1Page - KR Electronics, Inc. 2961 Datasheet HTML 2Page - KR Electronics, Inc. 2961 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2010, KR Electronics, Inc.
2961 , 300 MHz Lowpass, Rev 0, January 28, 2010
KR Electronics, Inc.
KR Electronics part number 2961 is a 300 MHz group delay
equalized lowpass filter. Other frequencies are available. Please
consult the factory.
General Description
KR Electronics, Inc.
Features
 300 MHz minimum 1 dB BW
 Sharp Transition to the Stopband
 Group Delay Equalized
 50  Source and Load
 Surface Mount
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 2961

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
2961 ALLEGRO-2961 Datasheet
94Kb / 12P
HIGH-CURRENT HALF-BRIDGE PRINTHEAD/MOTOR DRIVER.WITH INTERNAL CURRENT SENSING AND CONTROL
logo
Christian Bürkert GmbH ...
2961 BURKERT-2961 Datasheet
1,009Kb / 17P
Manually operated 2-way globe control valve
18.03.2024
2961 BURKERT-2961 Datasheet
837Kb / 14P
Manually operated 2/2-way angle seat valve
15.01.2024
2961 BURKERT-2961 Datasheet
976Kb / 15P
Manually operated 2/2-way globe valve
15.01.2024
2961 BURKERT-2961 Datasheet
873Kb / 15P
Manually operated 2-way angle seat control valve
18.03.2024
More results

Descripción similar - 2961

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
CGS74CT2524 NSC-CGS74CT2524 Datasheet
100Kb / 6P
1 to 4 Minimum Skew (300 ps) Clock Driver
CGS74LCT2524 NSC-CGS74LCT2524 Datasheet
91Kb / 5P
1 to 4 Minimum Skew (300 ps) 3V Clock Driver
logo
Texas Instruments
CGS74CT2524 TI-CGS74CT2524 Datasheet
349Kb / 8P
CGS74CT2524 1 to 4 Minimum Skew (300 ps) Clock Driver
logo
KR Electronics, Inc.
2961-SMA KR-2961-SMA Datasheet
74Kb / 3P
300 MHz minimum 1 dB BW
2969 KR-2969 Datasheet
47Kb / 3P
10 MHz minimum 1.5 dB BW
2969-SMA KR-2969-SMA Datasheet
64Kb / 3P
10 MHz minimum 1.5 dB BW
3070 KR-3070 Datasheet
60Kb / 3P
200 MHz minimum 3 dB BW
3070-SMA KR-3070-SMA Datasheet
99Kb / 3P
200 MHz minimum 3 dB BW
logo
NXP Semiconductors
AN11293 NXP-AN11293 Datasheet
372Kb / 19P
BGA3012 - 5 MHz to 300 MHz 12 dB reverse amplifier
Rev. 1-14 February 2013
AN11294 NXP-AN11294 Datasheet
371Kb / 19P
BGA3015 - 5 MHz to 300 MHz 15 dB reverse amplifier
Rev. 1-14 February 2013
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com