| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UPD16680 Datasheet(PDF) 31 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD16680 Datasheet(HTML) 31 Page - NEC |
|
31 / 44 page ![]() Data Sheet S12694EJ2V0DS00 31 µµµµPD16680 12 CPU ACCESS EXAMPLE 12.1 Initialize and write data Command / Data Item STB b7 b6 b5 b4 b3 b2 b1 b0 Explanation Start H x xxx xx xx Reset L 0 010 01 11 H x xxx xx xx Duty setting L 0 0 0 1 1 0 0 0 1/53 duty H x xxx xx xx Address Register 1 L 1 1 0 0 0 0 0 0 Dot address Address Register 2 L 0 0 0 0 0 0 0 0 X address = 00H Address Register 3 L 0 0 0 0 0 0 0 0 Y address = 00H H x xxx xx xx Data R/W mode L 1 011 00 00 Data write, The address is incremented starting from the current one. Dot display Data 1 Dot display Data 663 L L D D D D D D D D D D D D D D D D Dot data (63 bytes) H x xxx xx xx Address Register 1 L 1 1 0 1 0 0 0 0 Pictograph group address Address Register 2 L 0 0 0 0 0 0 0 0 X address = 00H Address Register 3 L 0 0 0 0 0 0 0 0 Y address = 00H H x xxx xx xx Data R/W mode L 1 011 00 00 Data write, The address is incremented starting from the current one. Pictograph Data 1 Pictograph Data 13 L L D D D D D D D D D D D D D D D D Pictograph data (13 bytes) H x xxx xx xx Display ON / OFF L 0 000 11 11 LCD ON End H x xxx xx xx Remark x = Don't Care, D = data |