Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD16680 Datasheet(PDF) 24 Page - NEC

No. de pieza UPD16680
Descripción Electrónicos  1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD16680 Datasheet(HTML) 24 Page - NEC

Back Button UPD16680 Datasheet HTML 20Page - NEC UPD16680 Datasheet HTML 21Page - NEC UPD16680 Datasheet HTML 22Page - NEC UPD16680 Datasheet HTML 23Page - NEC UPD16680 Datasheet HTML 24Page - NEC UPD16680 Datasheet HTML 25Page - NEC UPD16680 Datasheet HTML 26Page - NEC UPD16680 Datasheet HTML 27Page - NEC UPD16680 Datasheet HTML 28Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
Data Sheet S12694EJ2V0DS00
24
µµµµPD16680
9. COMMAND
9.1 Basic form
Command Register (CR)
Command Register (CR)
Address Register (CR)
Command Register (CR)
Extend Select Register (ESR)
X address (XAD)
Y address (YAD)
Data 1 (DT1)
+
++
++
.....
9.2 Command register
The command register’s basic configuration is as follows.
MSB
LSB
Choices
Command Type (0 x H to B x H)
b7 b6 b5 b4 b3 b2 b1 b0
Table 7-1 Command Table
Register
Command
D7
D6
D5
D4
D3
D2
D1
D0
Reset
00100111
Display ON/OFF
00001
b2
b1
b0
Standby
00010
b2
b1
b0
D/A converter setting
00101000
Duty setting
00011
b3
b2
b0
Blink setting
01000
b2
b1
b0
Data R/W mode
10110
b2
b1
b0
Test mode
10111
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44