Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SBR05M100BLP Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza SBR05M100BLP
Descripción Electrónicos  Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SBR05M100BLP Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SBR05M100BLP Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SBR05M100BLP Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SBR05M100BLP Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
Bridge Rectifiers
SBR05M100BLP
Typical Characterisitics
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
0.5
1
1.5
I
, AVERAGE FORWARD CURRENT (A)
Fig. 1 Forward Power Dissipation
F(AV)
0
100 200 300 400 500 600 700 800 900
Fig. 2 Typical Forward Characteristics
-V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
0.01
0.1
1
10
100
1,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
0.01
0.1
1
10
100
1,000
0 10 20 30 40 50 60 70 80 90 100
Fig. 3 Typical Reverse Characteristics
-V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = 25°C
A
T = 85°C
A
T = 125°C
A
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
Fig. 4 Forward Current Derating Curve
A
Per Diode
Per Diode
0
25
50
75
100
125
175
0 10 20 30 40 50 60 70 80 90 100
V , DC REVERSE VOLTAGE (V)
Fig. 5 Operating Temperature Derating
R
110
150



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com