Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SBR05M100BLP Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza SBR05M100BLP
Descripción Electrónicos  Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SBR05M100BLP Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SBR05M100BLP Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SBR05M100BLP Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SBR05M100BLP Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Bridge Rectifiers
SBR05M100BLP
Features
Ultra Low Leakage Current
Excellent High Temperature Stability
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
150ºC Operating Junction Temperature
Lead Free Finish, RoHS Compliant, “Green” Device
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
DC Blocking Voltage
VRM
RMS Reverse Voltage
VR(RMS)
70
Average Rectified Output Currents
IO
500
mA
Non-Repetitive Peak Forward Surge Current @ 8.3ms
IFSM
8
A
Power Dissipation
Pd
560
mW
222
149
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
100
V
Thermal Resistance Junction to Ambient
RθJA
/W
Note.1: FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per
Note.2: Polymide PCB, 2 oz. copper; minimum recommended pad layout per
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VR
IR= 250 uA
100
IF= 0.25 A,TJ=25℃
0.6
IF= 0.5 A,TJ=25℃
0.73
IF= 0.5 A,TJ=125℃
0.63
VR= 100 V, TJ=25℃
25
VR= 100 V, TJ=125℃
250
Forward voltage
V
Reverse voltage leakage current
VF
IR
uA
Marking
Marking
**
DA
Top View
Device Schematic
2
1
3
4
Top View
Pin Configuration
1
2
4
3
N/C
~
~
-
+
DFN3030-4
(Note.1)
(Note.2)


Número de pieza similar - SBR05M100BLP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
SBR05M100BLP DIODES-SBR05M100BLP Datasheet
100Kb / 4P
SUPER BARRIER RECTIFIER
Rev erse
SBR05M100BLP DIODES-SBR05M100BLP Datasheet
280Kb / 5P
0.5A SBR BRIDGE SUPER BARRIER RECTIFIER
Rev erse
SBR05M100BLP-7 DIODES-SBR05M100BLP-7 Datasheet
100Kb / 4P
SUPER BARRIER RECTIFIER
Rev erse
SBR05M100BLP-7 DIODES-SBR05M100BLP-7 Datasheet
280Kb / 5P
0.5A SBR BRIDGE SUPER BARRIER RECTIFIER
Rev erse
SBR05M100BLP DIODES-SBR05M100BLP_15 Datasheet
100Kb / 4P
0.5A SBR짰 BRIDGE SUPER BARRIER RECTIFIER
Rev erse
More results

Descripción similar - SBR05M100BLP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com