| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MS23P01 Datasheet(PDF) 1 Page - Bruckewell Technology LTD |
|
|
|||||||||||||||||||||||||||||
MS23P01 Datasheet(HTML) 1 Page - Bruckewell Technology LTD |
|
1 / 6 page ![]() MS23P01 P-Channel 20-V (D-S) MOSFET Publication Order Number: [MS23P01] © Bruckewell Technology Corporation Rev. A -2014 Description These miniature surface mount MOSFETs utilize a high cell density trench process to provide low rDS(on) and to ensure minimal power loss and heat dissipation. Typical applications are DC-DC converters and power management in portable and battery-powered products such as computers, printers, PCMCIA cards, cellular and cordless telephones. Features • Low rDS(on) provides higher efficiency and extends battery life •Low thermal impedance copper lead frame • SOT-23 saves board space • Fast switching speed • High performance trench technology • RoHS compliant package Packing & Order Information 3,000/Reel Graphic symbol |
Número de pieza similar - MS23P01 |
|
Descripción similar - MS23P01 |