Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSC4110-SF Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

No. de pieza LSC4110-SF
Descripción Electrónicos  1 mW 14 Pin DIL Cooled Laser Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC4110-SF Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  LSC4110-SF Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 7Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
466
P
FIBER PIGTAIL
G
∅T
C
J
DIM.
MIN.
MAX.
A
B
C
D
E
F
G
H
I
29.85
20.65
12.45
9.05
1.40
4.90
5.45
2.54 NOM.
0.38 NOM.
30.15
20.95
12.75
9.35
1.60
6.10
5.75
ALL DIMENSIONS IN MILLIMETERS
DIM.
MIN.
MAX.
J
K
L
M
N
P
R
S
∅T
0.25 NOM.
19.05 NOM.
30.00 NOM.
1000
4.05
5.25
8.85
25.85
1.90
–
4.35
5.55
9.15
26.15
2.10
A
S
B
R
F
D
I
H
E
N
M
L
K
LSC4110 Mechanical Outline



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com