Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSC4110-SF Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

No. de pieza LSC4110-SF
Descripción Electrónicos  1 mW 14 Pin DIL Cooled Laser Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC4110-SF Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  LSC4110-SF Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 7Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
464
Ic
Ih
Vc
A
A
V
1.0
1.0
2.0
-
-
-
Typ -4.4
Typ 3900
THERMISTOR
Resistance
Temperature Coefficient of Rt
ß Constant
k
Ω
%dR/K
°K
80
0.08
-
-
-
800
0.8
20
± 0.5
± 0.5
µA
A/W
nA
dB
dB
Rt = 10 k
Ω, Tc = ~25°C, CW,
Pf = 1 mW, Vr = 5 V (Note 2)
unless otherwise specified
Pf = 0 mW
Im = Im @ (Pf = 1 mW, Tc = 25
°C)
∆T = -40°C, Tc = 85°C
∆T = +65°C, Tc = -40°C
MONITOR PHOTODIODE
Photocurrent
Responsivity
Dark Current
Tracking Error
Performance Specifications (cont'd.)
Max.
Min.
Parameter
Units
Symbol
Test Conditions
Test Limits
Im
R
Id
∆R
Note:
2. Monitor Photodiode will also operate under zero bias conditions.
Test Limits
Min.
Max.
Units
Test Conditions
Parameter
Symbol
Rt
∆Rt/∆T
ß
Tc = 25
°C, Pf = 0 mW
unless otherwise specified
0
°C to 50°C
TEC
TEC Cooling Current
TEC Heating Current
Voltage
Parameter
Symbol
Units
Min.
Max.
Tc = 25
°C, Pf = 1 mW
unless otherwise specified
∆T = -40°C, Tc = 85°C
∆T = 65°C, Tc = -40°C
∆T = -40°C to +65°C
Test Limits
Test Conditions
Fiber Pigtail: Tight jacketed, self-mode stripping, single mode fiber
Parameter
Length
Spot Size (mode radius)
Cladding Diameter
Core/Cladding Concentricity
Secondary Jacket Diameter
Effective Cut-off Wavelength
Minimum
1.0
4.5
122
-
0.8
1150
Maximum
-
5.5
128
1.0
1.0
1240
Units
m
µm
µm
µm
mm
nm
Hewlett-Packard can offer a ruggedized fiber pigtail for this product range if extreme mechanical strength is required. The pigtail
length can be customized to your specific length, with a connector, to a tolerance of
±25 mm.
9.5
10.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com