Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC535 Datasheet(PDF) 3 Page - Hitachi Semiconductor

No. de pieza 2SC535
Descripción Electrónicos  Silicon NPN Epitaxial Planar
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC535 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC535 Datasheet HTML 1Page - Hitachi Semiconductor 2SC535 Datasheet HTML 2Page - Hitachi Semiconductor 2SC535 Datasheet HTML 3Page - Hitachi Semiconductor 2SC535 Datasheet HTML 4Page - Hitachi Semiconductor 2SC535 Datasheet HTML 5Page - Hitachi Semiconductor 2SC535 Datasheet HTML 6Page - Hitachi Semiconductor 2SC535 Datasheet HTML 7Page - Hitachi Semiconductor 2SC535 Datasheet HTML 8Page - Hitachi Semiconductor 2SC535 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2SC535
3
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
30
—
—
V
I
C = 10 µA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
20
—
—
V
I
C = 1 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
4—
—
V
I
E = 10 µA, IC = 0
Collector cutoff current
I
CBO
—
—
0.5
µAV
CB = 10 V, IE = 0
DC current transfer ratio
h
FE*
1
60
—
200
V
CE = 6 V, IC = 1 mA
Base to emitter voltage
V
BE
—
0.72
—
V
V
CE = 6 V, IC = 1 mA
Collector to emitter saturation
voltage
V
CE(sat)
—
0.17
—
V
I
C = 20 mA, IB =4 mA
Gain bandwidth product
f
T
450
940
—
MHz
V
CE = 6 V, IC = 5 mA
Collector output capacitance
Cob
—
0.9
1.2
pF
V
CB = 10 V, IE = 0, f = 1 MHz
Power gain
PG
17
20
—
dB
V
CE = 6 V, IC = 1 mA,
f = 100 MHz
Noise figure
NF
—
3.5
5.5
dB
V
CE = 6 V, IC = 1 mA,
f = 100 MHz, R
g = 50 Ω
Input admittance (typ)
yie
1.3 + j5.3
mS
V
CE = 6 V, IC = 1 mA,
f = 100 MHz
Reverse transfer admittance
(typ)
yre
–0.078 – j0.41
mS
Foward transfer admittance
(typ)
yfe
32 – j10
mS
Output admittance (typ)
yoe
0.08 + j0.82
mS
Note:
1. The 2SC535 is grouped by h
FE as follows.
BC
60 to 120
100 to 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com