Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC535 Datasheet(PDF) 9 Page - Hitachi Semiconductor

No. de pieza 2SC535
Descripción Electrónicos  Silicon NPN Epitaxial Planar
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC535 Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button 2SC535 Datasheet HTML 4Page - Hitachi Semiconductor 2SC535 Datasheet HTML 5Page - Hitachi Semiconductor 2SC535 Datasheet HTML 6Page - Hitachi Semiconductor 2SC535 Datasheet HTML 7Page - Hitachi Semiconductor 2SC535 Datasheet HTML 8Page - Hitachi Semiconductor 2SC535 Datasheet HTML 9Page - Hitachi Semiconductor 2SC535 Datasheet HTML 10Page - Hitachi Semiconductor 2SC535 Datasheet HTML 11Page - Hitachi Semiconductor 2SC535 Datasheet HTML 12Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2SC535
9
Input Admittance vs. Collector Current
Collector Current IC (mA)
yie = gie + jbie
VCE = 6 V
f = 100 MHz
20
10
5
2
1.0
0.5
0.2
0.1
0.5
2
10
0.2
1.0
5
bie
gie
Reverse Transfer Admittance vs.
Collector to Emitter Voltage
Collector to Emitter Voltage VCE (V)
–1.0
–0.1
–0.05
–0.02
–0.01
–0.005
–5
–0.2
–0.1
–0.05
15
20
210
yre = gre + jbre
IC = 1 mA
f = 100 MHz
bre
gre
yre = gre + jbre
VCE = 6 V
f = 100 MHz
Reverse Transrer Admittance vs.
Collector Current
Collector Current IC (mA)
bre
gre
–1.0
–0.5
–0.2
–0.1
–0.05
–0.02
–0.01
–0.1
–0.05
–0.02
–0.01
–0.005
–0.002
–0.001
0.1
0.5
2
10
0.2
1.0
5
Forward Transfer Admittance vs.
Collector to Emitter Voltage
Collector to Emitter Voltage VCE (V)
100
50
20
10
5
15
20
210
yfe = gfe + jbfe
IC = 1 mA
f = 100 MHz
–bfe
gfe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com