| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
80960KB Datasheet(PDF) 16 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80960KB Datasheet(HTML) 16 Page - Intel Corporation |
|
16 / 44 page ![]() 80960KB 10 FAILURE O O.D. INITIALIZATION FAILURE indicates that the processor did not initialize correctly. After RESET deasserts and before the first bus transaction begins, FAILURE asserts while the processor performs a self-test. If the self-test completes successfully, then FAILURE deasserts. The processor then performs a zero checksum on the first eight words of memory. If it fails, FAILURE asserts for a second time and remains asserted. If it passes, system initialization continues and FAILURE remains deasserted. IAC/INT0 I INTERAGENT COMMUNICATION REQUEST/INTERRUPT 0 indicates an IAC message or an interrupt is pending. The bus interrupt control register determines how the signal is interpreted. To signal an interrupt or IAC request in a synchronous system, this pin — as well as the other interrupt pins — must be enabled by being deasserted for at least one bus cycle and then asserted for at least one additional bus cycle. In an asynchronous system the pin must remain deasserted for at least two bus cycles and then asserted for at least two more bus cycles. During system reset, this signal must be in the logic high condition to enable normal processor operation. The logic low condition is reserved. INT1 I INTERRUPT 1, like INT0, provides direct interrupt signaling. INT2/INTR I INTERRUPT2/INTERRUPT REQUEST: The interrupt control register determines how this pin is interpreted. If INT2, it has the same interpretation as the INT0 and INT1 pins. If INTR, it is used to receive an interrupt request from an external interrupt controller. INT3/INTA I/O O.D. INTERRUPT3/INTERRUPT ACKNOWLEDGE: The bus interrupt control register determines how this pin is interpreted. If INT3, it has the same interpretation as the INT0, INT1 and INT2 pins. If INTA, it is used as an output to control interrupt-acknowledge transactions. The INTA output is latched on-chip and remains valid during Td cycles; as an output, it is open-drain. N.C. N/A NOT CONNECTED indicates pins should not be connected. Never connect any pin marked N.C. as these pins may be reserved for factory use. Table 5. 80960KB Pin Description: Support Signals (Sheet 2 of 2) NAME TYPE DESCRIPTION I/O = Input/Output, O = Output, I = Input, O.D. = Open Drain, T.S. = Three-state 2.0 ELECTRICAL SPECIFICATIONS 2.1 Power and Grounding The 80960KB is implemented in CHMOS IV technology and therefore has modest power require- ments. Its high clock frequency and numerous output buffers (address/data, control, error and arbitration signals) can cause power surges as multiple output buffers simultaneously drive new signal levels. For clean on-chip power distribution, VCC and VSS pins separately feed the device’s functional units. Power and ground connections must be made to all 80960KB power and ground pins. On the circuit board, all Vcc pins must be strapped closely together, preferably on a power plane; all Vss pins should be strapped together, preferably on a ground plane. 2.2 Power Decoupling Recommendations Place a liberal amount of decoupling capacitance near the 80960KB. When driving the L-bus the processor can cause transient power surges, partic- ularly when connected to a large capacitive load. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |