Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

80960KB Datasheet(PDF) 8 Page - Intel Corporation

No. de pieza 80960KB
Descripción Electrónicos  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 8 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 4Page - Intel Corporation 80960KB Datasheet HTML 5Page - Intel Corporation 80960KB Datasheet HTML 6Page - Intel Corporation 80960KB Datasheet HTML 7Page - Intel Corporation 80960KB Datasheet HTML 8Page - Intel Corporation 80960KB Datasheet HTML 9Page - Intel Corporation 80960KB Datasheet HTML 10Page - Intel Corporation 80960KB Datasheet HTML 11Page - Intel Corporation 80960KB Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
80960KB
2
1.1
Key Performance Features
The 80960 architecture is based on the most recent
advances in microprocessor technology and is
grounded in Intel’s long experience in the design and
manufacture of embedded microprocessors. Many
features contribute to the 80960KB’s exceptional
performance:
1. Large Register Set. Having a large number of
registers reduces the number of times that a
processor needs to access memory. Modern
compilers can take advantage of this feature to
optimize execution speed. For maximum flexi-
bility, the 80960KB provides thirty-two 32-bit
registers and four 80-bit floating point registers.
(See Figure 2.)
2. Fast Instruction Execution. Simple functions
make up the bulk of instructions in most
programs so that execution speed can be
improved by ensuring that these core instruc-
tions are executed as quickly as possible. The
most frequently executed instructions such as
register-register moves, add/subtract, logical
operations and shifts execute in one to two
cycles. (Table 1 contains a list of instructions.)
3. Load/Store Architecture. One way to improve
execution speed is to reduce the number of
times that the processor must access memory
to
perform
an
operation.
As
with
other
processors based on RISC technology, the
80960KB has a Load/Store architecture. As
such, only the LOAD and STORE instructions
reference
memory;
all
other
instructions
operate on registers. This type of architecture
simplifies instruction decoding and is used in
combination with other techniques to increase
parallelism.
4. Simple Instruction Formats. All instructions
in the 80960KB are 32 bits long and must be
aligned on word boundaries. This alignment
makes it possible to eliminate the instruction
alignment stage in the pipeline. To simplify the
instruction
decoder,
there
are
only
five
instruction formats; each instruction uses only
one format. (See Figure 3.)
5. Overlapped
Instruction
Execution.
Load
operations allow execution of subsequent
instructions to continue before the data has
been returned from memory, so that these
instructions
can
overlap
the
load.
The
80960KB manages this process transparently
to software through the use of a register score-
board. Conditional instructions also make use
of a scoreboard so that subsequent unrelated
instructions may be executed while the condi-
tional instruction is pending.
6. Integer Execution Optimization. When the
result of an arithmetic execution is used as an
operand in a subsequent calculation, the value
is sent immediately to its destination register.
Yet at the same time, the value is put on a
bypass path to the ALU, thereby saving the
time that otherwise would be required to
retrieve the value for the next operation.
7. Bandwidth Optimizations. The 80960KB gets
optimal use of its memory bus bandwidth
because the bus is tuned for use with the
on-chip instruction cache: instruction cache
line size matches the maximum burst size for
instruction fetches. The 80960KB automatically
fetches four words in a burst and stores them
directly in the cache. Due to the size of the
cache and the fact that it is continually filled in
anticipation of needed instructions in the
program flow, the 80960KB is relatively insen-
sitive to memory wait states. The benefit is that
the 80960KB delivers outstanding performance
even with a low cost memory system.
8. Cache Bypass. If a cache miss occurs, the
processor fetches the needed instruction then
sends it on to the instruction decoder at the
same time it updates the cache. Thus, no extra
time is spent to load and read the cache.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com