Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EM73A89B Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

No. de pieza EM73A89B
Descripción Electrónicos  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EMC [ELAN Microelectronics Corp]
Página de inicio  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73A89B Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM73A89B Datasheet HTML 9Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 10Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 11Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 12Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 13Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 14Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 15Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 16Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
13
* This specification are subject to be changed without notice.
EM73A89B
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
8.16.2001
Preliminary
PROGRAM EXAMPLE:
Check following arithematic operation for CF, ZF, SF
CF
ZF
SF
LDIA #00h;
-
1
1
LDIA #03h;
-
0
1
ADDA #05h;
-
0
1
ADDA #0Dh;
-
0
0
ADDA #0Eh;
-
0
0
ALU
The arithematic operation of 4-bit data is performed in ALU unit. There are 2 flags that can be affected by
the result of ALU operation, ZF and SF. The operation of ALU is affected by CF only.
ALU STRUCTURE
ALU supported user arithematic operation functions, including Addition, Subtraction and Rotaion.
ALU FUNCTION
(1) Addition:
ALU supports addition function with instructions ADDAM, ADCAM, ADDM #k, ADD #k,y .... .
The addition operation affects CF and ZF. Under addition operation, if the result is "0", ZF will be "1",
otherwise, ZF will be "0". When the addition operation has a carry-out, CF will be "1", otherwise, CF will
be "0".
EXAMPLE:
Operation
Carry Zero
3+4=7
0
0
7+F=6
1
0
0+0=0
0
1
8+8=0
1
1
(2) Subtraction:
ALU supports subtraction function with instructions SUBM #k, SUBA #k, SBCAM, DECM... . The
subtraction operation affects CF and ZF. Under subtraction operation, if the result is negative, CF will
be "0", and a borrow out, otherwise, if the result is positive, CF will be "1". For ZF, if the result of subtraction
operation is "0", the ZF is "1", likewise, ZF is "1".
ZF CF SF
ALU
DATA BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com