Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EM73A89B Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

No. de pieza EM73A89B
Descripción Electrónicos  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EMC [ELAN Microelectronics Corp]
Página de inicio  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73A89B Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM73A89B Datasheet HTML 6Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 7Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 8Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 9Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 10Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 11Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 12Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 13Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
10
* This specification are subject to be changed without notice.
8.16.2001
EM73A89B
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminar
y
+2
PROGRAM COUNTER (16K ROM)
Program counter ( PC ) is composed by a 13-bit counter, which indicates the next executed address for the
instruction of program ROM instruction.
For BRANCH and CALL instructions, PC is changed by instruction indicating. PC only can indicate the address
from 0000h-1FFFh. The bank number is decided by P3.
(1) Branch instruction:
SBR a
Object code: 00aa aaaa
Condition: SF=1; PC ← PC
12-6.a ( branch condition satisified )
PC Hold original PC value+1 aaaaaa
SF=0; PC← PC +1( branch condition not satisified )
PC
Original PC value + 1
LBR a
Object code: 1100 aaaa aaaa aaaa
Condition: SF=1; PC ← PC
12.a ( branch condition satisified )
PC Hold a
a a
a a a aaaaaa
SF=0; PC← PC +2( branch condition not satisified )
PC
Original PC value + 2
SLBR a
Object code: 0101 0101 1100 aaaa aaaa aaaa (a:1000h~1FFFh)
0101 0111 1100 aaaa aaaa aaaa (a:0000h~0FFFh)
Condition: SF=1; PC ← a ( branch condition satisified )
PC aaaaaaaaaaaa
a
SF=0 ; PC ← PC + 3 ( branch condition not satisified )
PC
Original PC value + 3
(2) Subroutine instruction:
SCALL a
Object code: 1110 nnnn
Condition : PC ← a ; a=8n+6 ; n=1..Fh ; a=86h, n=0
PC 00000 aaaaa
a a a
LCALL a
Object code: 0100 0aaa aaaa aaaa
Condition: PC ← a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com