Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OPB870 Datasheet(PDF) 4 Page - OPTEK Technologies

No. de pieza OPB870
Descripción Electrónicos  High Reliability Slotted Optical Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OPTEK [OPTEK Technologies]
Página de inicio  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB870 Datasheet(HTML) 4 Page - OPTEK Technologies

  OPB870_14 Datasheet HTML 1Page - OPTEK Technologies OPB870_14 Datasheet HTML 2Page - OPTEK Technologies OPB870_14 Datasheet HTML 3Page - OPTEK Technologies OPB870_14 Datasheet HTML 4Page - OPTEK Technologies OPB870_14 Datasheet HTML 5Page - OPTEK Technologies OPB870_14 Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue B 10/2011
Page 4 of 6
High Reliability Slotted Optical Switch
OPB870, OPB871, OPB872 (TX, TXV)
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Transistor/Diode
VF
Forward Voltage
1.00
1.20
0.80
-
-
-
1.70
1.90
1.60
V
IF = 20.0 mA
IF = 20.0 mA, TA = -55ºC
IF = 20.0 mA, TA = -100ºC
IR
Reverse Current
-
-
10
µA
VR = 2.0 VDC
Output Transistor
V(BR)CEO
Collector-Emitter Breakdown Voltage
50
-
-
V
IC = 1.0 mA, IF = 0
V(BR)ECO
Emitter-Collector Breakdown Voltage
7.0
-
-
V
IE = 100 µA, IF = 0
IC(off)
Collector-Emitter Dark Current
-
-
100
100
nA
µA
VCE = 10.0 V, IF = 0
VCE = 10.0 V, IF = 0, TA = 100ºC
Coupled
IC(ON)
On-State Collector Current(4)
Parameter A
OPB870
OPB870
OPB870
500
200
200
-
-
-
-
-
-
µA
VCE = 10.0 V, IF = 20.0 mA
VCE = 10.0 V, IF = 20.0 mA, TA = -55ºC
VCE = 10.0 V, IF = 20.0 mA, TA = 100ºC
Parameter B
OPB871
OPB871
OPB871
1000
400
400
-
-
-
-
-
-
µA
VCE = 5.0 V, IF = 10.0 mA
VCE = 5.0 V, IF = 10.0 mA, TA = -55ºC
VCE = 5.0 V, IF = 10.0 mA, TA = 100ºC
Parameter C
OPB872
OPB872
OPB872
1800
800
800
-
-
-
-
-
-
µA
VCE = 0.4 V, IF = 20.0 mA
VCE = 0.4 V, IF = 20.0 mA, TA = -55ºC
VCE = 0.4 V, IF = 20.0 mA, TA = 100ºC
VCE(SAT)
Collector-Emitter Saturation Voltage
OPB870
OPB871
OPB872
-
-
-
-
-
-
0.30
0.30
0.30
V
IC = 400 µA, IF = 20.0 mA
IC = 800 µA, IF = 10.0 mA
IC = 1800 µA, IF = 20.0 mA
tr
Output Rise Time
OPB870
OPB871
OPB872
-
-
-
-
-
-
15.0
20.0
20.0
µs
VCC = 10.0 V
IF = 20.0 mA
RL = 1000Ω
tf
Output Fall Time
OPB870
OPB871
OPB872
-
-
-
-
-
-
15.0
20.0
20.0
µs
VCC = 10.0 V
IF = 20.0 mA
RL = 1000Ω



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com