Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OPB870 Datasheet(PDF) 3 Page - OPTEK Technologies

No. de pieza OPB870
Descripción Electrónicos  High Reliability Slotted Optical Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OPTEK [OPTEK Technologies]
Página de inicio  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB870 Datasheet(HTML) 3 Page - OPTEK Technologies

  OPB870_14 Datasheet HTML 1Page - OPTEK Technologies OPB870_14 Datasheet HTML 2Page - OPTEK Technologies OPB870_14 Datasheet HTML 3Page - OPTEK Technologies OPB870_14 Datasheet HTML 4Page - OPTEK Technologies OPB870_14 Datasheet HTML 5Page - OPTEK Technologies OPB870_14 Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue B 10/2011
Page 3 of 6
High Reliability Slotted Optical Switch
OPB870, OPB871, OPB872 (TX, TXV)
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature(1)
-65° C to +150° C
Operating Temperature(1)
-65° C to +125° C
Lead Soldering Temperature(3)
240° C
Input LED
Forward DC Current
50 mA
Peak Forward Current (1µs pulse width, 300 pps)
1.0 A
Reverse DC Voltage
2.0 V
Power Dissipation(2)
100 mW
Output Phototransistor/Diode
Collector-Emitter Voltage
50 V
Emitter-Collector Voltage
7.0 V
Collector DC Current
30 mA
Power Dissipation
100 mW(2)
Notes:
(1) Derate linearly 1.00 mW/° C above 25° C.
(2) Cleaning agents methanol and isopropanol are recommended. Spray or wipe; do not submerge.
(3) RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(4) All parameters were tested using pulse technique.



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com