Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DS87C520 Datasheet(PDF) 18 Page - Dallas Semiconductor

No. de pieza DS87C520
Descripción Electrónicos  EPROM/ROM High-Speed Micro
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DALLAS [Dallas Semiconductor]
Página de inicio  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C520 Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS87C520 Datasheet HTML 14Page - Dallas Semiconductor DS87C520 Datasheet HTML 15Page - Dallas Semiconductor DS87C520 Datasheet HTML 16Page - Dallas Semiconductor DS87C520 Datasheet HTML 17Page - Dallas Semiconductor DS87C520 Datasheet HTML 18Page - Dallas Semiconductor DS87C520 Datasheet HTML 19Page - Dallas Semiconductor DS87C520 Datasheet HTML 20Page - Dallas Semiconductor DS87C520 Datasheet HTML 21Page - Dallas Semiconductor DS87C520 Datasheet HTML 22Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
18 of 45
Table 6. PMM Control and Status Bit Summary
BIT
LOCATION
FUNCTION
RESET
WRITE ACCESS
XT/
RG
EXIF.3
Control. XT/
RG = 1, runs from crystal or external
clock; XT/
RG = 0, runs from internal ring oscillator.
X
0 to 1 only when
XTUP = 1 and
XTOFF = 0
RGMD
EXIF.2
Status. RGMD = 1, CPU clock = ring; RGMD = 0,
CPU clock = crystal.
0
None
CD1, CD0
PMR.7,
PMR.6
Control. CD1, 0 = 01, 4 clocks; CS1, 0 = 10, PMM1;
CD1, 0 = 11, PMM2.
0, 1
Write CD1, 0 = 10
or 11 only from
CD1, 0 = 01
SWB
PMR.5
Control. SWB = 1, hardware invokes switchback to 4
clocks, SWB = 0, no hardware switchback.
0
Unrestricted
XTOFF
PMR.3
Control. Disables crystal operation after ring is
selected.
0
1 only when
XT/
RG = 0
PIP
STATUS.7
Status. 1 indicates a power-fail interrupt in service.
0
None
HIP
STATUS.6
Status. 1 indicates high priority interrupt in service.
0
None
LIP
STATUS.5
Status. 1 indicates low priority interrupt in service.
0
None
XTUP
STATUS.4
Status. 1 indicates that the crystal has stabilized.
1
None
SPTA1
STATUS.3
Status. Serial transmission on serial port 1.
0
None
SPRA1
STATUS.2
Status. Serial word reception on serial port 1.
0
None
SPTA0
STATUS.1
Status. Serial transmission on serial port 0.
0
None
SPRA0
STATUS.0
Status. Serial word reception on serial port 0.
0
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com