| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IXP42X Datasheet(PDF) 1 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
IXP42X Datasheet(HTML) 1 Page - Intel Corporation |
|
1 / 112 page ![]() Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor Datasheet Product Features For a complete list of product features, see “Product Features” on page 9. Typical Applications ■ Intel XScale ® Core ■ Three Network Processor Engines ■ PCI Interface ■ Two MII Interfaces ■ UTOPIA-2 Interface ■ USB v 1.1 Device Controller ■ Two High-Speed, Serial Interfaces ■ SDRAM Interface ■ Encryption/Authentication ■ High-Speed UART ■ Console UART ■ Internal Bus Performance Monitoring Unit ■ 16 GPIOs ■ Four Internal Timers ■ Packaging —492-pin PBGA —Commercial/Extended Temperature ■ High-Performance DSL Modem ■ High-Performance Cable Modem ■ Residential Gateway ■ SME Router ■ Network Printers ■ Control Plane ■ Integrated Access Device (IAD) ■ Set-Top Box ■ Access Points (802.11a/b/g) ■ Industrial Controllers Document Number: 252479-004 June 2004 |
Número de pieza similar - IXP42X |
|
Descripción similar - IXP42X |