Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IXP42X Datasheet(PDF) 7 Page - Intel Corporation

No. de pieza IXP42X
Descripción Electrónicos  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

IXP42X Datasheet(HTML) 7 Page - Intel Corporation

Back Button IXP42X Datasheet HTML 3Page - Intel Corporation IXP42X Datasheet HTML 4Page - Intel Corporation IXP42X Datasheet HTML 5Page - Intel Corporation IXP42X Datasheet HTML 6Page - Intel Corporation IXP42X Datasheet HTML 7Page - Intel Corporation IXP42X Datasheet HTML 8Page - Intel Corporation IXP42X Datasheet HTML 9Page - Intel Corporation IXP42X Datasheet HTML 10Page - Intel Corporation IXP42X Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
Datasheet
7
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Contents
48 MII Input Timings Values ............................................................................................................90
49 MDIO Timings Values.................................................................................................................92
50 SDRAM Input Timings Values ....................................................................................................92
51 SDRAM Output Timings Values .................................................................................................93
52 Intel Multiplexed Mode Values....................................................................................................94
53 Intel Simplex Mode Values .........................................................................................................95
54 Motorola* Multiplexed Mode Values ...........................................................................................96
55 Motorola* Simplex Mode Values.................................................................................................98
56 HPI Timing Symbol Description ..................................................................................................99
57 HPI – 8 Mode Write Accesses Values ........................................................................................99
58 Setup/Hold Timing Values ........................................................................................................100
59 HPI-16 Multiplexed Write Accesses Values..............................................................................101
60 HPI-16 Multiplex Read Accesses Values .................................................................................102
61 HPI-16 Non-Multiplex Read Accesses Values..........................................................................104
62 HPI-16 Non-Multiplexed Write Accesses Values......................................................................105
63 High-Speed, Serial Timing Values............................................................................................108
64 Boundary-Scan Interface Timings Values ................................................................................109
65 Reset Timings Table Parameters .............................................................................................111
66 ICC and Total Average Power ...................................................................................................112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More