Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UN2E8-230H Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd.

No. de pieza UN2E8-230H
Descripción Electrónicos  2-Electrode Gas Discharge Tube (GDT)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SOCAY [Socay Electornics Co., Ltd.]
Página de inicio  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN2E8-230H Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd.

  UN2E8-230H Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN2E8-230H Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN2E8-230H Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN2E8-230H Datasheet HTML 4Page - Socay Electornics Co., Ltd. UN2E8-230H Datasheet HTML 5Page - Socay Electornics Co., Ltd. UN2E8-230H Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2-Electrode Gas Discharge Tube (GDT)
Revision October 18, 2013
5 / 6
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN2E8 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Description
Quantity
UN2E8-XXXM / UN2E8XXXH
100PCS per Tray, 10 Trays / Inner Carton
1000
UN2E8-XXXML / UN2E8XXXHL
100PCS per Tray, 10 Trays / Inner Carton
1000
100PCS per Tray, 10 Trays / Inner Carton
1000
UN2E8-XXXMSMD / UN2E8XXXHSMD
Tape & Reel -16mm tape/13
″Reel
500
Tray used in UN2E8-XXXML / UN2E8-XXXHL
Tray used in UN2E8-XXXM / UN2E8-XXXH /
UN2E8-XXXSMD
Part Numbering
UN 2E8
– XXX M L
No,
without wire
L,
with axial wire
SMD,
Surface Mount
8/20
μs Level
M, 10KA
H, 20KA
Nominal DC Spark-over Voltage
75 = 75V
350=350V
90 = 90V
470=470V
150 = 150V
600=600V
230 = 230V
800=800V
Series
Packaging Information
Unit: mm



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com