Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UN2E8-230H Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

No. de pieza UN2E8-230H
Descripción Electrónicos  2-Electrode Gas Discharge Tube (GDT)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SOCAY [Socay Electornics Co., Ltd.]
Página de inicio  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN2E8-230H Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  UN2E8-230H Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN2E8-230H Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN2E8-230H Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN2E8-230H Datasheet HTML 4Page - Socay Electornics Co., Ltd. UN2E8-230H Datasheet HTML 5Page - Socay Electornics Co., Ltd. UN2E8-230H Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2-Electrode Gas Discharge Tube (GDT)
Revision October 18, 2013
4 / 6
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN2E8 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Item
Test Condition / Description
Requirement
DC Spark-over Voltage
The voltage is measured with a slowly rate of rise dv / dt=100V/s
Impulse Spark-over
Voltage
The maximum impulse spark-over voltage is measured with a rise time of
dv / dt=100V//
μs or 1KV/μs
Insulation Resistance
The resistance of gas tube shall be measured each terminal each other terminal,
please see above spec.
Capacitance
The capacitance of gas tube shall be measured each terminal to each other
terminal.
Test frequency :1MHz
Nominal Impulse
Discharge Current
The maximum current applying a waveform of 8/20
μs that can be applied across
the terminals of the gas tube. One hour after the test is completed, re-testing of the
DC spark-over voltage does not exceed
±30% of the nominal DC spark-over
voltage. Dwell time between pulses is 3 minutes.
Nominal Alternating
Discharge Current
Rated RMS value of AC current at 50Hz, 1 sec. 10 times. Intervals: 3min. The DC
spark-over voltage does not exceed
±30% of the nominal DC spark-over voltage.
IR > 10
8ohms.
To meet
the specified
value
Solder Iron Temperature: 350
°C +/-5°C
Heating Time:
5 seconds max.
Electrical Rating
Recommended soldering profile
Wave soldering
Soldering profile applied a single process
Reflow soldering
Soldering Parameters - Hand Soldering



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com