Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM29F002T-55JEB Datasheet(PDF) 29 Page - Advanced Micro Devices

No. de pieza AM29F002T-55JEB
Descripción Electrónicos  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002T-55JEB Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM29F002T-55JEB Datasheet HTML 25Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 26Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 27Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 28Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 29Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 30Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 31Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 32Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
29
Am29F002/Am29F002N
PREL I M I N AR Y
AC CHARACTERISTICS
WE#
CE#
OE#
High Z
tOE
High Z
DQ7
DQ0–DQ6
Complement
True
Addresses
VA
tOEH
tCE
tCH
tOH
tDF
VA
VA
Status Data
Complement
Status Data
True
Valid Data
Valid Data
tACC
tRC
Note: VA = Valid address. Illustration shows first status cycle after command sequence, last status read cycle, and array data
read cycle.
20818C-16
Figure 13.
Data# Polling Timings (During Embedded Algorithms)
WE#
CE#
OE#
High Z
tOE
DQ6/DQ2
Addresses
VA
tOEH
tCE
tCH
tOH
tDF
VA
VA
tACC
tRC
Valid Data
Valid Status
Valid Status
(first read)
(second read)
(stops toggling)
Valid Status
VA
Note: VA = Valid address; not required for DQ6. Illustration shows first two status cycle after command sequence, last status read
cycle, and array data read cycle.
20818C-17
Figure 14.
Toggle Bit Timings (During Embedded Algorithms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com