Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM29F002T-55JEB Datasheet(PDF) 28 Page - Advanced Micro Devices

No. de pieza AM29F002T-55JEB
Descripción Electrónicos  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002T-55JEB Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM29F002T-55JEB Datasheet HTML 24Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 25Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 26Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 27Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 28Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 29Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 30Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 31Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Am29F002/Am29F002N
28
PR ELIMIN A R Y
AC CHARACTERISTICS
OE#
CE#
Addresses
VCC
WE#
Data
2AAh
SA
tGHWL
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
55h
tCH
In
Progress
Complete
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
Notes:
1. SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see “Write Operation Status”).
20818C-15
Figure 12.
Chip/Sector Erase Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com