Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP2N62K3 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STP2N62K3
Descripción Electrónicos  N-channel 620 V, 3 ohm, 2.2 A SuperMESH3 Power MOSFET
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP2N62K3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP2N62K3 Datasheet HTML 3Page - STMicroelectronics STP2N62K3 Datasheet HTML 4Page - STMicroelectronics STP2N62K3 Datasheet HTML 5Page - STMicroelectronics STP2N62K3 Datasheet HTML 6Page - STMicroelectronics STP2N62K3 Datasheet HTML 7Page - STMicroelectronics STP2N62K3 Datasheet HTML 8Page - STMicroelectronics STP2N62K3 Datasheet HTML 9Page - STMicroelectronics STP2N62K3 Datasheet HTML 10Page - STMicroelectronics STP2N62K3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
STB/D/F/P/U2N62K3
Electrical characteristics
Doc ID 018898 Rev 2
7/25
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Gate charge vs gate-source voltage Figure 11.
Static drain-source on-resistance
Figure 12.
Capacitance variations
Figure 13.
Output capacitance stored energy
ID
3
2
1
0
0
10
VDS(V)
20
(A)
5
15
25
4
5
5V
6V
7V
VGS=10V
AM09184v1
ID
1.5
1.0
0.5
0
0
4
VGS(V)
8
(A)
2
6
2.0
2.5
3.0
3.5
VDS=15V
1
5
3
7
9
AM00889v1
VGS
6
4
2
0
0
5
Qg(nC)
(V)
8
10
15
10
VDD=496V
ID=2.2A
12
300
200
100
0
400
500
VDS
AM09186v1
RDS(on)
3.0
2.9
2.8
2.7
0
1.0
ID(A)
(
Ω)
0.5
1.5
3.1
3.2
3.3
VGS=10V
2.0
AM09187v1
C
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM09188v1
Eoss
0.5
0
0
100
VDS(V)
(µJ)
400
1.0
200 300
2.0
500
600
2.5
AM09189v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25