| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC24FJ128GA310 Datasheet(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 Datasheet(HTML) 7 Page - Microchip Technology |
|
7 / 406 page ![]() 2010-2011 Microchip Technology Inc. DS39996F-page 7 PIC24FJ128GA310 FAMILY TABLE 1: COMPLETE PIN FUNCTION DESCRIPTIONS FOR 121-PIN DEVICES PinFunctionPin Function A1 SEG63/PMD4/LVDIN/CTED8/CN62/RE4 E1 AN16/RPI41/SEG53/PMCS2/CN48/RC4 A2 COM0/PMD3/CTED9/CN61/RE3 E2 RPI40/ SEG33/CN47/RC3 A3 SEG62/CTED10/CN80/RG13 E3 AN17/C1IND/RP21/SEG0/PMA5/CN8/RG6 A4 COM3/PMD0/CN58/RE0 E4 RPI39/ SEG52/CN46/RC2 A5 SEG50/PMD8/CN77/RG0 E5 N/C A6 SEG48/COM4/PMD10/CN69/RF1 E6 SEG46/PMD9/CN78/RG1 A7 VBAT E7 N/C A8 N/C E8 RPI35/ SEG43/PMBE1/CN44/RA15 A9 RPI42/ SEG44/PMD12/CN57/RD12 E9 RP2/ SEG13/RTCC/CN53/RD8 A10 RP23/ SEG21/PMACK1/CN51/RD2 E10 RP4 /SEG14/PMACK2/CN54/RD9 A11 RP24/ SEG20/CN50/RD1 E11 RPI36/ SEG42/PMA22/CN43/RA14 B1 N/C F1 MCLR B2 SEG51/CTED3/CN82/RG15 F2 VLCAP2/AN19/C2IND/RP19/PMA3/CN10/RG8 B3 COM1/PMD2/CN60/RE2 F3 AN20/C2INC/RP27/SEG1/PMA2/CN11/RG9 B4 COM2/PMD1/CN59/RE1 F4 VLCAP1/AN18/C1INC/RP26/PMA4/CN9/RG7 B5 AN22/SEG59/PMA17/CN40/RA7 F5 VSS B6 SEG27/PMD11/CN68/RF0 F6 N/C B7 VCAP F7 N/C B8 RP20/ SEG24/PMRD/CN14/RD5 F8 VDD B9 RP22/ SEG22/PMBE0/CN52/RD3 F9 OSCI/CLKI/CN23/RC12 B10 VSS F10 VSS B11 RPI37/SOSCO/SCLKI/RC14 F11 OSCO/CLKO/CN22/RC15 C1 PMD6/LCDBIAS1/CN64/RE6 G1 RPI33/ SEG34/PMCS1/CN66/RE8 C2 VDD G2 AN21/RPI34/SEG35/PMPA19/CN67/RE9 C3 SEG61/CN79/RG12 G3 TMS/SEG49/CTED0/CN33/RA0 C4 SEG60/PMA16/CTED11/CN81/RG14 G4 N/C C5 AN23/SEG58/CN39/RA6 G5 VDD C6 N/C G6 VSS C7 C3INA/SEG26/PMD15/CN16/RD7 G7 VSS C8 RP25/ SEG23/PMWR/CN13/RD4 G8 N/C C9 N/C G9 TDO/CN38/RA5 C10 SOSCI/RC13 G10 SDA2/SEG57/PMA20/CN36/RA3 C11 RP12/ SEG16/C3INC/PMA14/CS1/CN56/RD11 G11 TDI/PMA21/CN37/RA4 D1 RPI38/ SEG32/CN45/RC1 H1 PGEC3/AN5/C1INA/RP18/SEG2/CN7/RB5 D2 PMD7/LCDBIAS0/CN65/RE7 H2 PGED3/AN4/C1INB/RP28/SEG3/CN6/RB4 D3 PMD5/CTED4/LCDBIAS2/CN63/RE5 H3 N/C D4 N/C H4 N/C D5 N/C H5 N/C D6 N/C H6 VDD D7 C3INB/SEG25/PMD14/CN15/RD6 H7 N/C D8 SEG45/PMD13/CN19/RD13 H8 CN83/RF7 D9 RP11/ SEG17/CN49/RD0 H9 INT0/CN84/RF6 D10 N/C H10 SCL1/SEG28/CN72/RG2 D11 RP3/ SEG15/C3IND/PMA15/CS2/CN55/RD10 H11 SCL2/SEG56/CN35/RA2 Legend: RPn and RPIn represent remappable pins for Peripheral Pin Select functions. Note: Pinouts are subject to change. |