Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC24FJ128GA310 Datasheet(PDF) 3 Page - Microchip Technology

No. de pieza PIC24FJ128GA310
Descripción Electrónicos  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 3 Page - Microchip Technology

  PIC24FJ128GA310 Datasheet HTML 1Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 2Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 3Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 4Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 5Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 6Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 7Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 8Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 3
PIC24FJ128GA310 FAMILY
Pin Diagrams
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
44
PIC24FJXXXGA306
1
46
45
43
42
41
40
39
SOSCI/RC13
RP11
/SEG17/CN49/RD0
RP3
/SEG15/PMA15/C3IND/CS2/CN55/RD10
RP4
/SEG14/PMACK2/CN54/RD9
RP2
/SEG13/RTCC/CN53/RD8
RP12
/C3INC/SEG16/PMA14/CS1/CN56/RD11
OSCO/CLKO/CN22/RC15
OSCI/CLKI/CN23/RC12
VDD
SEG28/CN72/SCL1/RG2
INT0/CN84/RF6
RP30
/CN70/RF2
RP16
/SEG12/CN71/RF3
SEG47/CN73/SDA1/RG3
SOSCO/RPI37/SCKLI/RC14
PMD5/CTED4/LCDBIAS2/CN63/RE5
PMD6/LCDBIAS1/CN64/RE6
PMD7/LCDBIAS0/CN65/RE7
C1IND/RP21/SEG0/PMA5/CN8/RG6
VDD
PGEC3/AN5/C1INA/RP18/SEG2/CN7/RB5
PGED3/AN4/C1INB/RP28/SEG3/CN6/RB4
AN3/C2INA/SEG4/CN5/RB3
AN2/C2INB/CTCMP/CTED13/RP13/SEG5/CN4/RB2
VLCAP1/C1INC/RP26/PMA4/CN9/RG7
VLCAP2/C2IND/RP19/PMA3/CN10/RG8
PGEC1/CVREF-/AN1/RP1/SEG6/CTED12/CN3/RB1
PGED1/CVREF+/AN0/RP0/SEG7/PMA6/CN2/RB0
C2INC/RP27/SEG1/PMA2/CN11/RG9
MCLR
VSS
VSS
38
37
34
36
35
33
64-Pin TQFP, QFN
Legend:
RPn
and RPIn represent remappable pins for Peripheral Pin Select feature. Shaded pins indicate pins that are tolerant up to +5.5V.
Note:
Pinouts are subject to change.